Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AD9887/PCB Datasheet(PDF) 24 Page - Analog Devices

Part # AD9887/PCB
Description  Dual Interface for Flat Panel Displays
PDF  40 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD9887/PCB Datasheet(HTML) 24 Page - Analog Devices

Back Button AD9887/PCB Datasheet HTML 20Page - Analog Devices AD9887/PCB Datasheet HTML 21Page - Analog Devices AD9887/PCB Datasheet HTML 22Page - Analog Devices AD9887/PCB Datasheet HTML 23Page - Analog Devices AD9887/PCB Datasheet HTML 24Page - Analog Devices AD9887/PCB Datasheet HTML 25Page - Analog Devices AD9887/PCB Datasheet HTML 26Page - Analog Devices AD9887/PCB Datasheet HTML 27Page - Analog Devices AD9887/PCB Datasheet HTML 28Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 24 / 40 page
background image
REV. 0
–24–
AD9887
GENERAL TIMING DIAGRAMS (DIGITAL INTERFACE)
80%
80%
20%
20%
DLHT
DLHT
Figure 28. Digital Output Rise and Fall Time
TCIH, RCIH
TCIP, RCIP
TCIL, RCIL
Figure 29. Clock Cycle/High/Low Times
VDIFF = 0V
TCCS
VDIFF = 0V
RX0
RX1
RX2
Figure 30. Channel-to-Channel Skew Timing
DATACK
(INTERNAL)
DATACK
(PIN)
tSKEW
DATA OUT
Figure 31. DVI Output Timing
TIMING MODE DIAGRAMS (DIGITAL INTERFACE)
FIRST
PIXEL
SECOND
PIXEL
THIRD
PIXEL
FOURTH
PIXEL
INTERNAL
ODCLK
DATACK
DE
QE[23:0]
QO[23:0]
TST
Figure 32. 1 Pixel per Clock (DATACK Inverted)
FIRST
PIXEL
SECOND
PIXEL
THIRD
PIXEL
FOURTH
PIXEL
INTERNAL
ODCLK
DATACK
DE
QE[23:0]
QO[23:0]
TST
Figure 33. 1 Pixels per Clock (DATACK Inverted)
FIRST PIXEL
SECOND PIXEL
THIRD PIXEL
FOURTH PIXEL
INTERNAL
ODCLK
DATACK
DE
QE[23:0]
QO[23:0]
TST
Figure 34. 2 Pixel per Clock
FIRST PIXEL
SECOND PIXEL
THIRD PIXEL
FOURTH PIXEL
INTERNAL
ODCLK
DATACK
DE
QE[23:0]
QO[23:0]
TST
Figure 35. 2 Pixels per Clock (DATACK Inverted)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com