Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AD9887/PCB Datasheet(PDF) 28 Page - Analog Devices

Part # AD9887/PCB
Description  Dual Interface for Flat Panel Displays
PDF  40 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD9887/PCB Datasheet(HTML) 28 Page - Analog Devices

Back Button AD9887/PCB Datasheet HTML 24Page - Analog Devices AD9887/PCB Datasheet HTML 25Page - Analog Devices AD9887/PCB Datasheet HTML 26Page - Analog Devices AD9887/PCB Datasheet HTML 27Page - Analog Devices AD9887/PCB Datasheet HTML 28Page - Analog Devices AD9887/PCB Datasheet HTML 29Page - Analog Devices AD9887/PCB Datasheet HTML 30Page - Analog Devices AD9887/PCB Datasheet HTML 31Page - Analog Devices AD9887/PCB Datasheet HTML 32Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 28 / 40 page
background image
REV. 0
–28–
AD9887
Read and
Hex
Write or
Default
Register
Address
Read Only
Bits
Value
Name
Function
1BH
R/
W
7:0
00000000
Test Register
Must be set to 00010000 for proper operation.
1CH
R/
W
7:0
000001**
4:2:2 Control
Bits [7:2]—Must be set to 011011** for proper operation.
******1*
Bit 1—Must be set to default for proper operation.
*******1
Bit 0—Output Format Mode Select
Logic 1 = 4:4:4 mode
Logic 0 = 4:2:2 mode
1DH
RO
7:0
Test Register
Reserved for future use.
1EH
RO
7:0
Test Register
Reserved for future use.
1FH
RO
7:0
Test Register
Reserved for future use.
NOTE
1The AD9887 only updates the PLL divide ratio when the LSBs are written to (Register 02h).
Table IX. Control Register Map (continued)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com