Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AD9887/PCB Datasheet(PDF) 22 Page - Analog Devices

Part # AD9887/PCB
Description  Dual Interface for Flat Panel Displays
PDF  40 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD9887/PCB Datasheet(HTML) 22 Page - Analog Devices

Back Button AD9887/PCB Datasheet HTML 18Page - Analog Devices AD9887/PCB Datasheet HTML 19Page - Analog Devices AD9887/PCB Datasheet HTML 20Page - Analog Devices AD9887/PCB Datasheet HTML 21Page - Analog Devices AD9887/PCB Datasheet HTML 22Page - Analog Devices AD9887/PCB Datasheet HTML 23Page - Analog Devices AD9887/PCB Datasheet HTML 24Page - Analog Devices AD9887/PCB Datasheet HTML 25Page - Analog Devices AD9887/PCB Datasheet HTML 26Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 22 / 40 page
background image
REV. 0
–22–
AD9887
6-PIPE DELAY
P0
P1
P2
P3
P4
P5
P6
P7
U0
V2
U4
V4
U6
RGBIN
HSYNC
PXCK
HS
ADCCK
DATACK
ROUTA
HSOUT
Y0
Y1
Y2
Y3
Y4
Y5
Y6
GOUTA
V0
U2
V6
Figure 27. 4:2:2 Output Mode
Table VIII. Digital Interface Pin List
Pin Type
Pin Name
Function
Value
Pin No.
Digital Video Data Inputs
Rx0+
Digital Input Channel 0 True
62
Rx0–
Digital Input Channel 0 Complement
63
Rx1+
Digital Input Channel 1 True
59
Rx1–
Digital Input Channel 1 Complement
60
Rx2+
Digital Input Channel 2 True
56
Rx2–
Digital Input Channel Two’s Complement
57
Digital Video Clock Inputs
RxC+
Digital Data Clock True
65
RxC–
Digital Data Clock Complement
66
Termination Control
RTERM
Control Pin for Setting the Internal
53
Termination Resistance
Outputs
DE
Data Enable
3.3 V CMOS
137
HSYNC
HSYNC Output
3.3 V CMOS
139
VSYNC
VSYNC Output
3.3 V CMOS
138
CTL0, CTL1,
Decoded Control Bit Outputs
3.3 V CMOS
46–49
CTL2, CTL3
Power Supply
VD
Main Power Supply
3.3 V
± 5%
PVD
PLL Power Supply
3.3 V
± 5%
VDD
Output Power Supply
3.3 V or 2.5 V
± 5%
GND
Ground Supply
0 V
GND
Ground Supply
0 V



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com