Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ADAS3022BCPZ Datasheet(PDF) 32 Page - Analog Devices

Part # ADAS3022BCPZ
Description  16-Bit, 1 MSPS, 8-Channel Data Acquisition System
PDF  40 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

ADAS3022BCPZ Datasheet(HTML) 32 Page - Analog Devices

Back Button ADAS3022BCPZ Datasheet HTML 28Page - Analog Devices ADAS3022BCPZ Datasheet HTML 29Page - Analog Devices ADAS3022BCPZ Datasheet HTML 30Page - Analog Devices ADAS3022BCPZ Datasheet HTML 31Page - Analog Devices ADAS3022BCPZ Datasheet HTML 32Page - Analog Devices ADAS3022BCPZ Datasheet HTML 33Page - Analog Devices ADAS3022BCPZ Datasheet HTML 34Page - Analog Devices ADAS3022BCPZ Datasheet HTML 35Page - Analog Devices ADAS3022BCPZ Datasheet HTML 36Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 32 / 40 page
background image
ADAS3022
Data Sheet
Rev. A | Page 32 of 40
RESET AND POWER-DOWN (PD) INPUTS
The asynchronous RESET and PD inputs can be used to reset
and power down the ADAS3022, respectively. Timing details
are shown in Figure 67.
A rising edge on RESET or PD aborts the conversion process and
places SDO into high impedance, regardless of the CS level. Note
that RESET has a minimum pulse width (active high) time for
setting the ADAS3022 into the reset state. See the Configuration
Register section for the default CFG setting when the ADAS3022
returns from the reset state. If the default setting is used after
RESET is deasserted (Logic 0), a period equal to the acquisition
time (tACQ) must elapse before CNV can be asserted for the
conversion result to be valid. If a conversion is initiated, the
result will be corrupted. In addition, the output data from the
previous conversion is cleared upon a reset. Attempting to
access the data result prior to initiating a new conversion results
in an invalid result.
When the device returns from power-down mode or from a reset
and the default CFG is not used, there is no tACQ requirement;
the first two conversions from power-up are undefined/invalid
because the two-deep delay pipeline requirement must be satisfied
to reconfigure the device to the desired setting.
CS
SDO
CNV
n – 1
n – 1
n
SEE NOTE
SEE NOTE
n – 1
n – 2
x
x
x
BUSY
RESET/
PD
t
ACQ
t
DIS
t
EN
t
RH
CFG
n + 1
x
n + 2
NOTES
1. WHEN THE PART IS RELEASED FROM RESET,
tACQ MUST BE MET FOR
CONVERSION n IF USING THE DEFAULT CFG SETTING FOR CHANNEL IN0.
WHEN THE PART IS RELEASED FROM POWER-DOWN,
tACQ IS NOT REQUIRED,
AND THE FIRST TWO CONVERSIONS, n AND n + 1, ARE UNDEFINED.
Figure 67. RESET and PD Timing
SERIAL DATA INTERFACE
The ADAS3022 uses a simple 4-wire interface and is compatible
with FPGAs, DSPs, and common serial interfaces, such as SPI,
QSPI, and MICROWIRE™. The interface uses the CS, SCK,
SDO, and DIN signals. Timing details for the serial interface are
shown in Figure 68. SDO is activated when CS is asserted. The
conversion result is output on SDO and is updated on SCK
falling edges. Simultaneously, the 16-bit CFG word is updated, if
desired, on the serial data input (DIN). The state of the clock
phase select bit (CPHA, Bit 0) determines whether the MSB is
output again on the first clock or whether the MSB − 1 bit is
output when SDO is activated after the EOC.
Note that in Figure 67 and Figure 68, SCK is shown idling high.
SCK can idle high or low, requiring that the system developer
design an interface that suits setup and hold times for both SDO
and DIN.
DIN
(MOSI)
SDO
(MISO)
CS
SCK
tEN
tSDOD
tSDOH
tSCK
tDIS
tDINH
tDINS
tSCKH
tSCKL
Figure 68. Serial Timing
CPHA
The clock phase select bit (CPHA, Bit 0) sets the first bit of the
conversion result on SDO after the end of a conversion (see
Figure 69).
Setting CPHA to 0 outputs the MSB when CS is asserted. Sub-
sequent SCK falling edges clock out bits in an MSB − 1, MSB − 2,
and so on fashion. This mode is useful for hosts limited to 16 clock
edges where the first falling (or rising) edge can be used to latch
the data.
Setting CPHA to 1 outputs the MSB not only when CS is asserted
but also after the first SCK falling edge. Subsequent SCK falling
edges clock out bits in an MSB − 1, MSB − 2, and so on fashion.
This mode can be useful for sign extension applications.
SDO
CPHA = 1
SDO
CPHA = 0
CS
SCK
MSB
MSB
LSB
LSB + 1
MSB – 1
MSB – 2
MSB
1
2
16
15
LSB + 1
LSB
LSB + 2
MSB
MSB – 1
Figure 69. CPHA Details
Sampling on the SCK Falling Edge
To achieve the fastest data transfer rate, the host should sample
data on the SCK falling edge, as long as there is a sufficient hold
time of ≤tSDOH (see Figure 68). When using this method, data
transfers should occur during the safe conversion time (tDDC).
Because this time is fixed, extending data reading or writing into
the quiet conversion phase (tQUIET) may cause data corruption.
However, for systems that need slightly more time, tDDCA (data
during conversion additional) can be used.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com