Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ADAS3022BCPZ Datasheet(PDF) 5 Page - Analog Devices

Part # ADAS3022BCPZ
Description  16-Bit, 1 MSPS, 8-Channel Data Acquisition System
PDF  40 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

ADAS3022BCPZ Datasheet(HTML) 5 Page - Analog Devices

  ADAS3022BCPZ Datasheet HTML 1Page - Analog Devices ADAS3022BCPZ Datasheet HTML 2Page - Analog Devices ADAS3022BCPZ Datasheet HTML 3Page - Analog Devices ADAS3022BCPZ Datasheet HTML 4Page - Analog Devices ADAS3022BCPZ Datasheet HTML 5Page - Analog Devices ADAS3022BCPZ Datasheet HTML 6Page - Analog Devices ADAS3022BCPZ Datasheet HTML 7Page - Analog Devices ADAS3022BCPZ Datasheet HTML 8Page - Analog Devices ADAS3022BCPZ Datasheet HTML 9Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 40 page
background image
Data Sheet
ADAS3022
Rev. A | Page 5 of 40
Parameter
Test Conditions/Comments
Min
Typ
Max
Unit1
AC Performance
Internal reference
Signal-to-Noise Ratio (SNR)
90.0
93.0
dB
Signal-to-Noise-and-Distortion
(SINAD)
89.5
92.5
dB
Total Harmonic Distortion
−105
dB
Spurious-Free Dynamic Range
(SFDR)
110
dB
INTERNAL REFERENCE
REFx Output Voltage
TA = 25°C
4.088
4.096
4.104
V
REFx Output Current
TA = 25°C
250
µA
REFx Temperature Drift
REFEN = 1
±5
ppm/°C
REFEN = 0
±1
ppm/°C
REFx Line Regulation
AVDD = 5 V ± 5%
Internal Reference
20
µV/V
Buffer Only
4
µV/V
REFIN Output Voltage4
TA = 25°C
2.495
2.500
2.505
V
Turn-On Settling Time
CREFIN, CREF1, CREF2 = 10 µF and 0.1 µF
100
ms
EXTERNAL REFERENCE
Voltage Range
REFx input
4.000
4.096
4.104
V
REFIN input (buffered)
2.5
2.505
V
Current Drain
VREF = 4.096 V
100
µA
TEMPERATURE SENSOR
Output Voltage
TA = 25 °C
275
mV
Temperature Sensitivity
800
µV/°C
DIGITAL INPUTS
Logic Levels
VIL
VIO > 3 V
−0.3
+0.3 × VIO
V
VIH
VIO > 3 V
0.7 × VIO
VIO + 0.3
V
VIL
VIO ≤ 3 V
−0.3
+0.1 × VIO
V
VIH
VIO ≤ 3 V
0.9 × VIO
VIO + 0.3
V
IIL
−1
+1
µA
IIH
−1
+1
µA
DIGITAL OUTPUTS5
Data Format
Twos complement
VOL
ISINK = +500 µA
0.4
V
VOH
ISOURCE = −500 µA
VIO − 0.3
V
POWER SUPPLIES
PD = 0
VIO
1.8
AVDD + 0.3
V
AVDD
4.75
5
5.25
V
DVDD
4.75
5
5.25
V
VDDH6
VDDH > input voltage + 2.5 V
14.25
15
15.75
V
VSSH6
VSSH < input voltage − 2.5 V
−15.75
−15
−14.25
V
IVDDH
PGIA gain = 0.16
3.0
3.5
mA
PGIA gain = 0.2
3.0
3.5
mA
PGIA gain = 0.4
3.5
4.0
mA
PGIA gain = 0.8
5.0
5.5
mA
PGIA gain = 1.6
8.5
9.5
mA
PGIA gain = 3.2
15.5
17.5
mA
PGIA gain = 6.4
15.5
17.5
mA
All PGIA gains, PD = 1
100
µA



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com