Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ADAS3022BCPZ Datasheet(PDF) 1 Page - Analog Devices

Part # ADAS3022BCPZ
Description  16-Bit, 1 MSPS, 8-Channel Data Acquisition System
PDF  40 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

ADAS3022BCPZ Datasheet(HTML) 1 Page - Analog Devices

  ADAS3022BCPZ Datasheet HTML 1Page - Analog Devices ADAS3022BCPZ Datasheet HTML 2Page - Analog Devices ADAS3022BCPZ Datasheet HTML 3Page - Analog Devices ADAS3022BCPZ Datasheet HTML 4Page - Analog Devices ADAS3022BCPZ Datasheet HTML 5Page - Analog Devices ADAS3022BCPZ Datasheet HTML 6Page - Analog Devices ADAS3022BCPZ Datasheet HTML 7Page - Analog Devices ADAS3022BCPZ Datasheet HTML 8Page - Analog Devices ADAS3022BCPZ Datasheet HTML 9Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 40 page
background image
16-Bit, 1 MSPS, 8-Channel
Data Acquisition System
Data Sheet
ADAS3022
Rev. A
Document Feedback
Information furnished by Analog Devices is believed to be accurate and reliable. However, no
responsibilityisassumedbyAnalogDevicesforitsuse,norforanyinfringementsofpatentsorother
rightsofthirdpartiesthatmayresultfromitsuse.Specificationssubjecttochangewithoutnotice.No
license is granted by implication or otherwise under any patent or patent rights of Analog Devices.
Trademarksandregisteredtrademarksarethepropertyoftheirrespectiveowners.
One Technology Way, P.O. Box 9106, Norwood, MA 02062-9106, U.S.A.
Tel: 781.329.4700
©2012–2013 Analog Devices, Inc. All rights reserved.
Technical Support
www.analog.com
FEATURES
Ease of use—16-bit, 1 MSPS complete data acquisition system
High impedance, 8-channel input: >500 MΩ
Differential input voltage range: ±24.576 V maximum
High input common-mode rejection: >100 dB
User-programmable input ranges
Channel sequencer with individual channel gains
On-chip 4.096 V reference and buffer
Auxiliary input—direct interface to PulSAR ADC inputs
No latency or pipeline delay (SAR architecture)
Serial 4-wire, 1.8 V to 5 V SPI-/SPORT-compatible interface
LFCSP package (6 mm × 6 mm)
−40°C to +85°C industrial temperature range
APPLICATIONS
Multichannel data acquisition and system monitoring
Process control
Power line monitoring
Automated test equipment
Instrumentation
GENERAL DESCRIPTION
The ADAS3022 is a complete 16-bit, 1 MSPS, successive approxi-
mation–based analog-to-digital data acquisition system, which is
manufactured on Analog Devices, Inc., proprietary iCMOS® high
voltage industrial process technology. The device integrates an
8-channel, low leakage multiplexer; a high impedance program-
mable gain instrumentation amplifier (PGIA) stage with high
common-mode rejection; a precision, low drift 4.096 V reference
and buffer; and a 16-bit charge redistribution analog-to-digital
converter (ADC) with successive approximation register (SAR)
architecture. The ADAS3022 can resolve eight single-ended
inputs or four fully differential inputs up to ±24.576 V when
using ±15 V supplies. In addition, the device can accept the
commonly used bipolar differential, bipolar single-ended,
pseudo bipolar, or pseudo unipolar input signals, as shown in
Table 1, thus enabling the use of almost any direct sensor
interface.
The ADAS3022 simplifies design challenges by eliminating
signal buffering, level shifting, amplification/attenuation,
common-mode rejection, settling time, and any other analog
signal conditioning challenge while allowing a smaller form
factor, faster time to market, and lower cost.
Table 1. Typical Input Range Selection
Signal
Input Range, VIN (V)
Differential
±1 V
±1.28 V
±2.5 V
±2.56 V
±5 V
±10.24 V
±10 V
±20.48 V
Single Ended1
0 V to 1 V
±0.64 V
0 V to 2.5 V
±1.28 V
0 V to 5 V
±2.56 V
0 V to 10 V
±5.12 V
1
See Figure 59 and Figure 60 in the Analog Inputs section for more information.
FUNCTIONAL BLOCK DIAGRAM
IN4
IN5
IN3
IN2
BUF
IN6
IN7
IN1
IN0
IN0/IN1
PAIR
DIFF TO
DIFF
COM
IN2/IN3
IN4/IN5
IN6/IN7
PulSAR
ADC
LOGIC/
INTERFACE
REFIN
REF
REFx
CNV
RESET
PD
SCK
DIN
SDO
VSSH
VDDH
AGND
VIO
DVDD
AVDD
DGND
CS
COM
AUX+
AUX–
BUSY
ADAS3022
MUX
TEMP
SENSOR
PGIA
Figure 1.


Similar Part No. - ADAS3022BCPZ

ManufacturerPart #DatasheetDescription
logo
Analog Devices
ADAS3023 AD-ADAS3023 Datasheet
617Kb / 32P
16-Bit, 8-Channel Simultaneous Sampling Data Acquisition System
REV. 0
ADAS3023BCPZ AD-ADAS3023BCPZ Datasheet
617Kb / 32P
16-Bit, 8-Channel Simultaneous Sampling Data Acquisition System
REV. 0
ADAS3023BCPZ-RL7 AD-ADAS3023BCPZ-RL7 Datasheet
617Kb / 32P
16-Bit, 8-Channel Simultaneous Sampling Data Acquisition System
REV. 0
More results

Similar Description - ADAS3022BCPZ

ManufacturerPart #DatasheetDescription
logo
Analog Devices
AD1362 AD-AD1362 Datasheet
431Kb / 8P
16-Channel,12-Bit Data Acquisition System
AD363 AD-AD363 Datasheet
682Kb / 8P
Complete 16-Channel,12-Bit Data Acquisition System
AD8401 AD-AD8401 Datasheet
225Kb / 12P
8-Bit, 4-Channel Data Acquisition System
REV.0
ADAS3023 AD-ADAS3023 Datasheet
617Kb / 32P
16-Bit, 8-Channel Simultaneous Sampling Data Acquisition System
REV. 0
logo
API Technologies Corp
HS9403 APITECH-HS9403 Datasheet
3Mb / 4P
16-Channel, 12-Bit Data Acquisition System
logo
Analog Devices
AD974 AD-AD974_15 Datasheet
206Kb / 20P
4-Channel, 16-Bit, 200 kSPS Data Acquisition System
REV. A
AD1362 AD-AD1362_15 Datasheet
437Kb / 8P
16 Channel 12 Bit Data Acquisition System
REV. A
AD8401 AD-AD8401_15 Datasheet
228Kb / 12P
8-Bit, 4-Channel Data Acquisition System
REV. 0
ADAQ7980 AD-ADAQ7980 Datasheet
1Mb / 49P
16-Bit, 1 MSPS, Integrated Data Acquisition Subsystem
Rev. 0
AD7890 AD-AD7890_17 Datasheet
392Kb / 29P
8-Channel, 12-Bit Serial Data Acquisition System
23-Feb-2017
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com