Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ADAS3022BCPZ Datasheet(PDF) 12 Page - Analog Devices

Part # ADAS3022BCPZ
Description  16-Bit, 1 MSPS, 8-Channel Data Acquisition System
PDF  40 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

ADAS3022BCPZ Datasheet(HTML) 12 Page - Analog Devices

Back Button ADAS3022BCPZ Datasheet HTML 8Page - Analog Devices ADAS3022BCPZ Datasheet HTML 9Page - Analog Devices ADAS3022BCPZ Datasheet HTML 10Page - Analog Devices ADAS3022BCPZ Datasheet HTML 11Page - Analog Devices ADAS3022BCPZ Datasheet HTML 12Page - Analog Devices ADAS3022BCPZ Datasheet HTML 13Page - Analog Devices ADAS3022BCPZ Datasheet HTML 14Page - Analog Devices ADAS3022BCPZ Datasheet HTML 15Page - Analog Devices ADAS3022BCPZ Datasheet HTML 16Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 12 / 40 page
background image
ADAS3022
Data Sheet
Rev. A | Page 12 of 40
TYPICAL PERFORMANCE CHARACTERISTICS
VDDH = 15 V, VSSH = −15 V, AVDD = DVDD = 5 V, VIO = 1.8 V to AVDD, unless otherwise noted.
0
8192
16384
24576
32768
CODE
40960
49152
57344
65536
GAIN = 0.16, 0.2, 0.4, 0.8, 1.6
INL MAX = 0.649
INL MIN = –0.592
–2.0
–1.5
–1.0
–0.5
0
0.5
1.0
1.5
2.0
Figure 6. Integral Nonlinearity vs. Code,
PGIA Gain = 0.16, 0.2, 0.4, 0.8, and 1.6
–2.0
–1.5
–1.0
–0.5
0
0.5
1.0
1.5
2.0
0
8192
16384
24576
32768
CODE
40960
49152
57344
65536
GAIN = 3.2
INL MAX = 1.026
INL MIN = –0.948
Figure 7. Integral Nonlinearity vs. Code, PGIA Gain = 3.2
–2.0
–1.5
–1.0
–0.5
0
0.5
1.0
1.5
2.0
0
8192
16384
24576
32768
CODE
40960
49152
57344
65536
GAIN = 6.4
INL MAX = 0.558
INL MIN = –1.319
Figure 8. Integral Nonlinearity vs. Code, PGIA Gain = 6.4
–1.00
–0.75
–0.50
–0.25
0
0.25
0.50
0.75
1.00
0
8192
16384
24576
32768
CODE
40960
49152
57344
65536
FOR ALL GAINS
Figure 9. Differential Nonlinearity vs. Code for All PGIA Gains
0
50,000
100,000
150,000
200,000
250,000
300,000
350,000
400,000
CODE IN HEX
GAIN = 0.16, 0.2, 0.4, 0.8, 1.6
600
52,300
300,200
152,600
6,400
Figure 10. Histogram of a DC Input at Code Center,
PGIA Gain = 0.16, 0.2, 0.4, 0.8, and 1.6
0
50,000
100,000
150,000
200,000
250,000
300,000
350,000
400,000
CODE IN HEX
GAIN = 3.2
1,400
22,700
118,400
213,200
129,000
25,500
1,600
Figure 11. Histogram of a DC Input at Code Center, PGIA Gain = 3.2



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com