Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ADAS3022BCPZ Datasheet(PDF) 14 Page - Analog Devices

Part # ADAS3022BCPZ
Description  16-Bit, 1 MSPS, 8-Channel Data Acquisition System
PDF  40 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

ADAS3022BCPZ Datasheet(HTML) 14 Page - Analog Devices

Back Button ADAS3022BCPZ Datasheet HTML 10Page - Analog Devices ADAS3022BCPZ Datasheet HTML 11Page - Analog Devices ADAS3022BCPZ Datasheet HTML 12Page - Analog Devices ADAS3022BCPZ Datasheet HTML 13Page - Analog Devices ADAS3022BCPZ Datasheet HTML 14Page - Analog Devices ADAS3022BCPZ Datasheet HTML 15Page - Analog Devices ADAS3022BCPZ Datasheet HTML 16Page - Analog Devices ADAS3022BCPZ Datasheet HTML 17Page - Analog Devices ADAS3022BCPZ Datasheet HTML 18Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 14 / 40 page
background image
ADAS3022
Data Sheet
Rev. A | Page 14 of 40
–180
–160
–140
–120
–100
–80
–60
–40
–20
0
0
100
200
300
400
500
FREQUENCY (kHz)
GAIN = 0.16
fS = 1000kSPS
fIN = 10.1kHz
SNR = 91.7dB
SINAD = 89.2dB
THD = –92.5dB
SFDR = 92.5dB
Figure 18. 10 kHz FFT, PGIA Gain = 0.16
–180
–160
–140
–120
–100
–80
–60
–40
–20
0
0
100
200
300
400
500
FREQUENCY (kHz)
GAIN = 0.2
fS = 1000kSPS
fIN = 10.1kHz
SNR = 91.4dB
SINAD = 89.9dB
THD = –94.7dB
SFDR = 94.8dB
Figure 19. 10 kHz FFT, PGIA Gain = 0.2
–180
–160
–140
–120
–100
–80
–60
–40
–20
0
0
100
200
300
400
500
FREQUENCY (kHz)
GAIN = 0.4
fS = 1000kSPS
fIN = 10.1kHz
SNR = 91.2dB
SINAD = 91.0dB
THD = –103dB
SFDR = 104dB
Figure 20. 10 kHz FFT, PGIA Gain = 0.4
–180
–160
–140
–120
–100
–80
–60
–40
–20
0
0
100
200
300
400
500
FREQUENCY (kHz)
GAIN = 0.8
fS = 1000kSPS
fIN = 10.1kHz
SNR = 90.7dB
SINAD = 90.6dB
THD = –107dB
SFDR = 106dB
Figure 21. 10 kHz FFT, PGIA Gain = 0.8
–180
–160
–140
–120
–100
–80
–60
–40
–20
0
0
100
200
300
400
500
FREQUENCY (kHz)
GAIN = 1.6
fS = 1000kSPS
fIN = 10.1kHz
SNR = 89.8dB
SINAD = 89.7dB
THD = –106dB
SFDR = 107dB
Figure 22. 10 kHz FFT, PGIA Gain = 1.6
–180
–160
–140
–120
–100
–80
–60
–40
–20
0
0
100
200
300
400
500
FREQUENCY (kHz)
GAIN = 3.2
fS = 1000kSPS
fIN = 10.1kHz
SNR = 87.6dB
SINAD = 87.5dB
THD = –105dB
SFDR = 106dB
Figure 23. 10 kHz FFT, PGIA Gain = 3.2



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com