Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ADAS3022BCPZ Datasheet(PDF) 11 Page - Analog Devices

Part # ADAS3022BCPZ
Description  16-Bit, 1 MSPS, 8-Channel Data Acquisition System
PDF  40 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

ADAS3022BCPZ Datasheet(HTML) 11 Page - Analog Devices

Back Button ADAS3022BCPZ Datasheet HTML 7Page - Analog Devices ADAS3022BCPZ Datasheet HTML 8Page - Analog Devices ADAS3022BCPZ Datasheet HTML 9Page - Analog Devices ADAS3022BCPZ Datasheet HTML 10Page - Analog Devices ADAS3022BCPZ Datasheet HTML 11Page - Analog Devices ADAS3022BCPZ Datasheet HTML 12Page - Analog Devices ADAS3022BCPZ Datasheet HTML 13Page - Analog Devices ADAS3022BCPZ Datasheet HTML 14Page - Analog Devices ADAS3022BCPZ Datasheet HTML 15Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 40 page
background image
Data Sheet
ADAS3022
Rev. A | Page 11 of 40
Pin No.
Mnemonic
Type1
Description
27
DVDD
P
Digital 5 V Supply. Decouple this supply using a 10 μF capacitor and a 0.1 μF local capacitor.
28
AVDD
P
Analog 5 V Supply. Decouple this supply using a 10 μF capacitor and a 0.1 μF local capacitor.
31
RCAP
P
Internal 2.5 V Analog Regulator Output. This regulator supplies power to the internal reference.
Decouple this pin using a 1 μF capacitor connected to RCAP and a 0.1 μF local capacitor.
32
REFIN
AI/O
Internal 2.5 V Band Gap Reference Output, Reference Buffer Input, or Reference Power-Down Input. See
the Voltage Reference Input/Output section for more information.
33, 34
REF1, REF2
AI/O
Reference Input/Output. Regardless of the reference method, these pins need individual decoupling
using external 10 μF ceramic capacitors connected as close to REF1, REF2, and REFN as possible. See
the Voltage Reference Output/Input section for more information. REF1 and REF2 must be tied
together externally.
35
RGND
P
Reference Supply Ground. Connect this pin to the system analog ground plane.
36, 37
REFN
P
Reference Input/Output Ground. Connect the 10 μF capacitors on REF1 and REF2 to these pins, and
connect these pins to the system analog ground plane.
38
VSSH
P
High Voltage Analog Negative Supply. Nominally, the supply of this pin should be −15 V. Decouple this
pin using a 10 μF capacitor and a 0.1 μF local capacitor.
39
VDDH
P
High Voltage Analog Positive Supply. Nominally, the supply of this pin should be +15 V. Decouple this
pin using a 10 μF capacitor and a 0.1 μF local capacitor.
40
AUX−
AI
Auxiliary Input Channel Negative Input.
EPAD
Exposed Paddle. The exposed paddle should be connected to VSSH.
1
AI = analog input, AI/O = analog input/output, DI = digital input, DO = digital output, and P = power.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com