Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ADAS3022BCPZ Datasheet(PDF) 24 Page - Analog Devices

Part # ADAS3022BCPZ
Description  16-Bit, 1 MSPS, 8-Channel Data Acquisition System
PDF  40 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

ADAS3022BCPZ Datasheet(HTML) 24 Page - Analog Devices

Back Button ADAS3022BCPZ Datasheet HTML 20Page - Analog Devices ADAS3022BCPZ Datasheet HTML 21Page - Analog Devices ADAS3022BCPZ Datasheet HTML 22Page - Analog Devices ADAS3022BCPZ Datasheet HTML 23Page - Analog Devices ADAS3022BCPZ Datasheet HTML 24Page - Analog Devices ADAS3022BCPZ Datasheet HTML 25Page - Analog Devices ADAS3022BCPZ Datasheet HTML 26Page - Analog Devices ADAS3022BCPZ Datasheet HTML 27Page - Analog Devices ADAS3022BCPZ Datasheet HTML 28Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 24 / 40 page
background image
ADAS3022
Data Sheet
Rev. A | Page 24 of 40
Table 6. Output Codes and Ideal Input Voltages
Description
Differential Analog
Inputs, VREF = 4.096 V
Digital Output Code
(Twos Complement, Hex)
FSR − 1 LSB
(32,767 × VREF)/
(32,768 × PGIA gain)
0x7FFF
Midscale + 1 LSB
VREF/(32,768 × PGIA
gain)
0x0001
Midscale
0
0x0000
Midscale − 1 LSB
−(VREF/(32,768 × PGIA
gain))
0xFFFF
−FSR + 1 LSB
−(32,767 × VREF)/
(32,768 × PGIA gain)
0x8001
−FSR
−VREF × PGIA gain
0x8000
TYPICAL APPLICATION CONNECTION DIAGRAM
As shown in Figure 54, the ADP1613 is used in an inexpensive
SEPIC-Ćuk topology, which is an ideal candidate for providing
the ADAS3022 with the necessary high voltage ±15 V robust
supplies (at 20 mA) and low output ripple (3 mV maximum)
from an external 5 V supply. The ADP1613 satisfies the
specification requirements of the ADAS3022 with minimal
external components while achieving greater than 86% of
efficiency. Refer to the CN-0201 circuit note for complete
information about this test setup.
IN0
IN0/IN1
IN2/IN3
IN4/IN5
IN6/IN7
IN1
IN2
IN3
IN4
IN5
IN6
IN7
DIFF
PAIR
DIFF
COM
LOGIC/
INTERFACE
REFIN
REF
MUX
CNV
RESET
SCK
DIN
SDO
VDDH
AVDD DVDD
VIO
CS
COM
AUX+
AUX–
BUSY
+
+
+
ENABLE
ADP1613
ADAS3022
COMP
FB
FREQ
EN
VIN
GND
SS
SW
+
+
VIN = +5V
+
+
VSSH
RF2
4.22kΩ
RF1B
47.5kΩ
RC1
100kΩ
CC1
12nF
CC2
10pF
CV5
1µF
REN
RB0
1Ω
RS1
0Ω
RS2
DNI
CSS
1µF
Z1
CIN
1µF
D1
D2
C1
1µF
C2
1µF
L3
1µF
COUT3
4.7µF
COUT1
1µF
COUT2
2.2µF
+15V
–15V
+5V
ADR434
REFx
PD
AGND DGND
AD8031
4.096V
+
–
1.78Ω
RFILT
DNI
50kΩ
L1
47µH
L2
47µH
+5V
+5V
BUF
PulSAR
ADC
TEMP
SENSOR
PGIA
Figure 54. Complete 5 V, Single-Supply, 8-Channel Multiplexed Data Acquisition System with PGIA



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com