Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

APFCON Datasheet(PDF) 24 Page - Microchip Technology

Part # APFCON
Description  Digitally Enhanced Power Analog Controller with Integrated Synchronous Driver
PDF  222 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

APFCON Datasheet(HTML) 24 Page - Microchip Technology

Back Button APFCON Datasheet HTML 20Page - Microchip Technology APFCON Datasheet HTML 21Page - Microchip Technology APFCON Datasheet HTML 22Page - Microchip Technology APFCON Datasheet HTML 23Page - Microchip Technology APFCON Datasheet HTML 24Page - Microchip Technology APFCON Datasheet HTML 25Page - Microchip Technology APFCON Datasheet HTML 26Page - Microchip Technology APFCON Datasheet HTML 27Page - Microchip Technology APFCON Datasheet HTML 28Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 24 / 222 page
background image
MCP19111
DS22331A-page 24
 2013 Microchip Technology Inc.
Oscillator
Internal Oscillator
Frequency
FOSC
7.60
8.00
8.40
MHz
Switching Frequency
FSW
—FOSC/N
—
kHz
Switching Frequency
Range Select
N
5
—
80
Maximum Duty Cycle
—
(N–1)/N
—
%/
100
Dead Time Adjustment
Dead Time Step Size
DTSTEP
—4
—
ns
HDRV Output Driver
HDRV Source
Resistance
RHDRV-SCR
—1
2.6
Measured at 500 mA
Note 1, High Range
—2
3.5
Measured at 500 mA
Note 1, Low Range
HDRV Sink Resistance
RHDRV-SINK
—1
2.6
Measured at 500 mA
Note 1, High Range
—2
3.5
Measured at 500 mA
Note 1, Low Range
HDRV Source Current
IHDRV-SCR
—2
—
A
Note 1, High Range
—1
—
A
Note 1, Low Range
HDRV Sink Current
IHDRV-SINK
—2
—
A
Note 1, High Range
—1
—
A
Note 1, Low Range
HDRV Rise Time
tRH
—15
30
ns
Note 1, CLOAD =3.3 nF,
High Range
HDRV Fall Time
tFH
—15
30
ns
Note 1, CLOAD =3.3 nF,
High Range
LDRV Output Driver
LDRV
Source Resistance
RLDRV-SCR
—1
2.5
Measured at 500 mA
Note 1
LDRV Sink Resistance
RLDRV-SINK
—0.5
1.0
Measured at 500 mA
Note 1
LDRV Source Current
ILDRV-SCR
—2
—
A
Note 1
LDRV Sink Current
ILDRV-SINK
—4
—
A
Note 1
LDRV Rise Time
tRL
—15
30
ns
Note 1, CLOAD =3.3 nF
LDRV Fall Time
tFL
—7
15
ns
Note 1, CLOAD =3.3 nF
4.2
Electrical Characteristics (Continued)
Electrical Specifications: Unless otherwise noted, VIN = 12V, VREF = 1.2V, FSW =300 kHz, TA =+25°C.
Boldface specifications apply over the TA range of -40°C to +125°C.
Parameter
Symbol
Min
Typ
Max
Units
Conditions
Note 1:
Ensured by design. Not production tested.
2:
VDD-OUT is the voltage present at the VDD pin. VDD is the internally generated bias voltage.
3:
This is the total source current for all GPIO pins combined. Individually, each pin can source a maximum of
25 mA.
4:
PE1 = 0x00h, ABECON = 0x00h, ATSTCON = 0x80h, WPUGPA = 0x00h, WPUGPB = 0x00h, and
SLEEP command issued to PIC core, see SECTION 16.0.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com