Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

APFCON Datasheet(PDF) 88 Page - Microchip Technology

Part # APFCON
Description  Digitally Enhanced Power Analog Controller with Integrated Synchronous Driver
PDF  222 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

APFCON Datasheet(HTML) 88 Page - Microchip Technology

Back Button APFCON Datasheet HTML 84Page - Microchip Technology APFCON Datasheet HTML 85Page - Microchip Technology APFCON Datasheet HTML 86Page - Microchip Technology APFCON Datasheet HTML 87Page - Microchip Technology APFCON Datasheet HTML 88Page - Microchip Technology APFCON Datasheet HTML 89Page - Microchip Technology APFCON Datasheet HTML 90Page - Microchip Technology APFCON Datasheet HTML 91Page - Microchip Technology APFCON Datasheet HTML 92Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 88 / 222 page
background image
MCP19111
DS22331A-page 88
 2013 Microchip Technology Inc.
PIE1
87h
-000 --00
-000 --00
-uuu --uu
PIE2
88h
0-00 --00
0-00 --00
u-uu --uu
APFCON
89h
---- ---0
---- ---0
---- ---u
VINLVL
90h
0-xx xxxx
0-uu uuuu
u-uu uuuu
OCCON
91h
0xxx xxxx
0uuu uuuu
uuuu uuuu
CSGSCON
93h
-xxx xxxx
-uuu uuuu
-uuu uuuu
CSDGCON
95h
0--- xxxx
0--- uuuu
u--- uuuu
VZCCON
97h
xxxx xxxx
uuuu uuuu
uuuu uuuu
CMPZCON
98h
xxxx xxxx
uuuu uuuu
uuuu uuuu
OUVCON
99h
xxxx xxxx
uuuu uuuu
uuuu uuuu
OOVCON
9Ah
xxxx xxxx
uuuu uuuu
uuuu uuuu
DEADCON
9Bh
xxxx xxxx
uuuu uuuu
uuuu uuuu
SLPCRCON
9Ch
xxxx xxxx
uuuu uuuu
uuuu uuuu
SLVGNCON
9Dh
---x xxxx
---u uuuu
---u uuuu
RELEFF
9Eh
0000 0000
0000 0000
uuuu uuuu
WPUGPA
105h
--1- 1111
--u- uuuu
--u- uuuu
WPUGPB
106h
1111 -11-
uuuu -uu-
uuuu -uu-
PE1
107h
0000 1100
0000 1100
uuuu uuuu
BUFFCON
108h
000- 0000
000- 0000
uuu- uuuu
ABECON
109h
0000 0000
0000 0000
uuuu uuuu
SSPADD
110h
0000 0000
0000 0000
uuuu uuuu
SSPBUF
111h
xxxx xxxx
uuuu uuuu
uuuu uuuu
SSPCON1
112h
0000 0000
0000 0000
uuuu uuuu
SSPCON2
113h
0000 0000
0000 0000
uuuu uuuu
SSPCON3
114h
0000 0000
0000 0000
uuuu uuuu
SSPMSK
115h
1111 1111
1111 1111
uuuu uuuu
SSPSTAT
116h
SSPADD2
117h
0000 0000
0000 0000
uuuu uuuu
SSPMSK2
118h
1111 1111
1111 1111
uuuu uuuu
IOCA
185h
0000 0000
0000 0000
uuuu uuuu
IOCB
186h
0000 -000
0000 -000
uuuu -uuu
ANSELA
187h
---- 1111
---- 1111
---- uuuu
ANSELB
188h
--11 -11-
--11 -11-
--uu -uu-
PMCON1
190h
-0-- -000
-0-- -000
-u-- -uuu
PMCON2
191h
---- ----
---- ----
---- ----
PMADRL
192h
0000 0000
0000 0000
uuuu uuuu
PMADRH
193h
---- -000
---- -000
---- -uuu
PMDATL
194h
0000 0000
0000 0000
uuuu uuuu
TABLE 14-3:
INITIALIZATION CONDITION FOR REGISTERS (CONTINUED)
Register
Address
Power-on
Reset
MCLR Reset
WDT Reset
Wake-up from Sleep through
Interrupt
Wake-up from Sleep through
WDT Time-out (Continued)
Legend:
u
= unchanged, x = unknown, – = unimplemented bit, reads as ‘0’, q = value depends on condition.
Note
1:
If VDD goes too low, Power-on Reset will be activated and registers will be affected differently.
2:
One or more bits in INTCON and/or PIRx will be affected (to cause wake-up).
3:
When the wake-up is due to an interrupt and the GIE bit is set, the PC is loaded with the interrupt vector (0004h).
4:
See Table 14-5 for Reset value for specific condition.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com