Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

APFCON Datasheet(PDF) 37 Page - Microchip Technology

Part # APFCON
Description  Digitally Enhanced Power Analog Controller with Integrated Synchronous Driver
PDF  222 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

APFCON Datasheet(HTML) 37 Page - Microchip Technology

Back Button APFCON Datasheet HTML 33Page - Microchip Technology APFCON Datasheet HTML 34Page - Microchip Technology APFCON Datasheet HTML 35Page - Microchip Technology APFCON Datasheet HTML 36Page - Microchip Technology APFCON Datasheet HTML 37Page - Microchip Technology APFCON Datasheet HTML 38Page - Microchip Technology APFCON Datasheet HTML 39Page - Microchip Technology APFCON Datasheet HTML 40Page - Microchip Technology APFCON Datasheet HTML 41Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 37 / 222 page
background image
 2013 Microchip Technology Inc.
DS22331A-page 37
MCP19111
REGISTER 6-2:
OCCON: OUTPUT OVERCURRENT CONTROL REGISTER
R/W-0
R/W-0
R/W-x
R/W-x
R/W-x
R/W-x
R/W-x
R/W-x
OCEN
OCLEB1
OCLEB0
OOC4
OOC3
OOC2
OOC1
OOC0
bit 7
bit 0
Legend:
R = Readable bit
W = Writable bit
U = Unimplemented bit, read as ‘0’
-n = Value at POR
‘1’ = Bit is set
‘0’ = Bit is cleared
x = Bit is unknown
bit 7
OCEN: Output Overcurrent DAC Control bit
1
= Output Overcurrent DAC is enabled
0
= Output Overcurrent DAC is disabled
bit 6-5
OCLEB<1:0>: Leading Edge Blanking
00
= 114 ns blanking
01
= 213 ns blanking
10
= 400 ns blanking
11
= 780 ns blanking
bit 4-0
OOC<4:0>: Output Overcurrent Configuration bits
00000
= 160 mV drop
00001
= 175 mV drop
00010
= 190 mV drop
00011
= 205 mV drop
00100
= 220 mV drop
00101
= 235 mV drop
00110
= 250 mV drop
00111
= 265 mV drop
01000
= 280 mV drop
01001
= 295 mV drop
01010
= 310 mV drop
01011
= 325 mV drop
01100
= 340 mV drop
01101
= 355 mV drop
01110
= 370 mV drop
01111
= 385 mV drop
10000
= 400 mV drop
10001
= 415 mV drop
10010
= 430 mV drop
10011
= 445 mV drop
10100
= 460 mV drop
10101
= 475 mV drop
10110
= 490 mV drop
10111
= 505 mV drop
11000
= 520 mV drop
11001
= 535 mV drop
11010
= 550 mV drop
11011
= 565 mV drop
11100
= 580 mV drop
11101
= 595 mV drop
11110
= 610 mV drop
11111
= 625 mV drop



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com