Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

APFCON Datasheet(PDF) 38 Page - Microchip Technology

Part # APFCON
Description  Digitally Enhanced Power Analog Controller with Integrated Synchronous Driver
PDF  222 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

APFCON Datasheet(HTML) 38 Page - Microchip Technology

Back Button APFCON Datasheet HTML 34Page - Microchip Technology APFCON Datasheet HTML 35Page - Microchip Technology APFCON Datasheet HTML 36Page - Microchip Technology APFCON Datasheet HTML 37Page - Microchip Technology APFCON Datasheet HTML 38Page - Microchip Technology APFCON Datasheet HTML 39Page - Microchip Technology APFCON Datasheet HTML 40Page - Microchip Technology APFCON Datasheet HTML 41Page - Microchip Technology APFCON Datasheet HTML 42Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 38 / 222 page
background image
MCP19111
DS22331A-page 38
 2013 Microchip Technology Inc.
6.3
Current Sense AC Gain
The current measured across the inductor is a square
wave that is averaged by the capacitor (CS) connected
between +ISEN and -ISEN. This very small voltage plus
the ripple can be amplified by the current sense AC
gain circuitry. The amount of gain is controlled by the
CSGSCON register.
REGISTER 6-3:
CSGSCON: CURRENT SENSE AC GAIN CONTROL REGISTER
U-0
R/W-x
R/W-x
R/W-x
R/W-x
R/W-x
R/W-x
R/W-x
—
Reserved
Reserved
Reserved
CSGS3
CSGS2
CSGS1
CSGS0
bit 7
bit 0
Legend:
R = Readable bit
W = Writable bit
U = Unimplemented bit, read as ‘0’
-n = Value at POR
‘1’ = Bit is set
‘0’ = Bit is cleared
x = Bit is unknown
bit 7
Unimplemented: Read as ‘0’
bit 6-4
Reserved
bit 3-0
CSGS<3:0>: Current Sense AC Gain Setting bits
0000
= 0 dB
0001
= 1.0 dB
0010
= 2.5 dB
0011
= 4.0 dB
0100
= 5.5 dB
0101
= 7.0 dB
0110
= 8.5 dB
0111
= 10.0 dB
1000
= 11.5 dB
1001
= 13.0 dB
1010
= 14.5 dB
1011
= 16.0 dB
1100
= 17.5 dB
1101
= 19.0 dB
1110
= 20.5 dB
1111
= 22.0 dB



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com