Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

APFCON Datasheet(PDF) 25 Page - Microchip Technology

Part # APFCON
Description  Digitally Enhanced Power Analog Controller with Integrated Synchronous Driver
PDF  222 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

APFCON Datasheet(HTML) 25 Page - Microchip Technology

Back Button APFCON Datasheet HTML 21Page - Microchip Technology APFCON Datasheet HTML 22Page - Microchip Technology APFCON Datasheet HTML 23Page - Microchip Technology APFCON Datasheet HTML 24Page - Microchip Technology APFCON Datasheet HTML 25Page - Microchip Technology APFCON Datasheet HTML 26Page - Microchip Technology APFCON Datasheet HTML 27Page - Microchip Technology APFCON Datasheet HTML 28Page - Microchip Technology APFCON Datasheet HTML 29Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 25 / 222 page
background image
 2013 Microchip Technology Inc.
DS22331A-page 25
MCP19111
Linear Regulator
Bias Voltage, LDO Output
VDD
4.6
5.0
5.4
VVIN = 6.0V to 32V, Note 2
Internal Circuitry
Bias Voltage
AVDD
—
5.0
—
VVIN = 6.0V to 32V, Note 2
Maximum VDD Output
Current
IDD
30
——
mA
VIN = 6.0V to 20V,
VDD =5.0V,
Note 2
Line Regulation
V
DD/
(VDD x VIN)
—0.05
0.1
%/V
(VDD+1.0V)  VIN  20V
Note 2
Load Regulation
V
DD/VDD
-1.75
-0.8
+0.5
%IDD = 1 mA to 30 mA
Note 2
Output Short
Circuit Current
IDD_SC
—65
—
mA
VIN =(VDD +1.0V)
Note 2
Dropout Voltage
VIN –VDD
—0.5
1
VIDD =30mA,
VIN =VDD +1.0V
Note 2
Power Supply
Rejection Ratio
PSRRLDO
—60
—
dB
f
 1000 Hz, I
DD =25 mA,
CIN =0 µF, CDD =1 µF
Band Gap Voltage
BG
-2.5%
1.23
+2.5%
V
GPIO Pins
Maximum GPIO
Sink Current
ISINK_GPIO
——
90
mA
Note 3, Note 1
Maximum GPIO
Source Current
ISOURCE_GPIO
——
90
mA
Note 3, Note 1
GPIO Weak
Pull-up Current
IPULL-UP_GPIO
50
250
400
µA
VDD =5V
GPIO Output Low
Voltage
VOL
——
0.6
V
IOL =7 mA, VDD=5V,
TA =+90°C
GPIO Output
High Voltage
VOH
VDD –0.7
—
—
V
IOH =-2.5mA, VDD =5V,
TA =+90°C
GPIO Input
Leakage Current
GPIO_IIL
—
±0.1
±1
µA
Negative current is defined as
current sourced by the pin,
TA =+90°C
GPIO Input Low Voltage
VIL
GND
—
0.8
V
I/O Port with TTL buffer
VDD =5V, TA =+90°C
GND
0.2VDD
V
I/O Port with Schmitt Trigger
buffer, VDD =5V, TA =+90°C
GND
0.2VDD
VMCLR, TA = +90°C
4.2
Electrical Characteristics (Continued)
Electrical Specifications: Unless otherwise noted, VIN = 12V, VREF = 1.2V, FSW =300 kHz, TA =+25°C.
Boldface specifications apply over the TA range of -40°C to +125°C.
Parameter
Symbol
Min
Typ
Max
Units
Conditions
Note 1:
Ensured by design. Not production tested.
2:
VDD-OUT is the voltage present at the VDD pin. VDD is the internally generated bias voltage.
3:
This is the total source current for all GPIO pins combined. Individually, each pin can source a maximum of
25 mA.
4:
PE1 = 0x00h, ABECON = 0x00h, ATSTCON = 0x80h, WPUGPA = 0x00h, WPUGPB = 0x00h, and
SLEEP command issued to PIC core, see SECTION 16.0.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com