Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

APFCON Datasheet(PDF) 41 Page - Microchip Technology

Part # APFCON
Description  Digitally Enhanced Power Analog Controller with Integrated Synchronous Driver
PDF  222 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

APFCON Datasheet(HTML) 41 Page - Microchip Technology

Back Button APFCON Datasheet HTML 37Page - Microchip Technology APFCON Datasheet HTML 38Page - Microchip Technology APFCON Datasheet HTML 39Page - Microchip Technology APFCON Datasheet HTML 40Page - Microchip Technology APFCON Datasheet HTML 41Page - Microchip Technology APFCON Datasheet HTML 42Page - Microchip Technology APFCON Datasheet HTML 43Page - Microchip Technology APFCON Datasheet HTML 44Page - Microchip Technology APFCON Datasheet HTML 45Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 41 / 222 page
background image
 2013 Microchip Technology Inc.
DS22331A-page 41
MCP19111
6.6
Compensation Setting
The MCP19111 uses a peak current mode control
architecture. A control reference is used to regulate the
peak current of the converter directly. The inner current
loop essentially turns the inductor into a voltage-
controlled current source. This reduces the control-to-
output transfer function to a simple single-pole model of
a current source feeding a capacitor. The desired
response of the overall loop can be tuned by proper
placement of the compensation zero frequency and
gain. Figure 6-1 shows a simplified drawing of the
internal compensation. See Register 6-6 for the
adjustable zero frequency and gain settings.
FIGURE 6-1:
SIMPLIFIED
COMPENSATION
VREF
+VSEN
-VSEN
REGISTER 6-6:
CMPZCON: COMPENSATION SETTING CONTROL REGISTER
R/W-x
R/W-x
R/W-x
R/W-x
R/W-x
R/W-x
R/W-x
R/W-x
CMPZF3
CMPZF2
CMPZF1
CMPZF0
CMPZG3
CMPZG2
CMPZG1
CMPZG0
bit 7
bit 0
Legend:
R = Readable bit
W = Writable bit
U = Unimplemented bit, read as ‘0’
-n = Value at POR
‘1’ = Bit is set
‘0’ = Bit is cleared
x = Bit is unknown
bit 7-4
CMPZF<3:0>: Compensation Zero Frequency Setting bits
0000
= 1500 Hz
0001
= 1850 Hz
0010
= 2300 Hz
0011
= 2840 Hz
0100
= 3460 Hz
0101
= 4300 Hz
0110
= 5300 Hz
0111
= 6630 Hz
1000
= 8380 Hz
1001
= 9950 Hz
1010
= 12200 Hz
1011
= 14400 Hz
1100
= 18700 Hz
1101
= 23000 Hz
1110
= 28400 Hz
1111
= 35300 Hz
bit 3-0
CMPZG<3:0>: Compensation Gain Setting bits
0000
= 36.15 dB
0001
= 33.75 dB
0010
= 30.68 dB
0011
= 28.43 dB
0100
= 26.10 dB
0101
= 23.81 dB
0110
= 21.44 dB
0111
= 19.10 dB
1000
= 16.78 dB
1001
= 14.32 dB
1010
= 12.04 dB
1011
= 9.54 dB
1100
= 7.23 dB
1101
= 4.61 dB
1110
= 2.28 dB
1111
= 0.00 dB



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com