Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

APFCON Datasheet(PDF) 36 Page - Microchip Technology

Part # APFCON
Description  Digitally Enhanced Power Analog Controller with Integrated Synchronous Driver
PDF  222 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

APFCON Datasheet(HTML) 36 Page - Microchip Technology

Back Button APFCON Datasheet HTML 32Page - Microchip Technology APFCON Datasheet HTML 33Page - Microchip Technology APFCON Datasheet HTML 34Page - Microchip Technology APFCON Datasheet HTML 35Page - Microchip Technology APFCON Datasheet HTML 36Page - Microchip Technology APFCON Datasheet HTML 37Page - Microchip Technology APFCON Datasheet HTML 38Page - Microchip Technology APFCON Datasheet HTML 39Page - Microchip Technology APFCON Datasheet HTML 40Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 36 / 222 page
background image
MCP19111
DS22331A-page 36
 2013 Microchip Technology Inc.
6.2
Output Overcurrent
The MCP19111 features a cycle-by-cycle peak current
limit. By monitoring the OCIF interrupt flag, custom
overcurrent fault handling can be implemented.
To detect an output overcurrent, the MCP19111 senses
the voltage drop across the high-side MOSFET while it
is conducting. Leading edge blanking is incorporated to
mask the overcurrent measurement for a given amount
of time. This helps prevent false overcurrent readings.
When the input voltage is greater than 20V, or if the
RDSON of the high-side MOSFET is such that the
programmed overcurrent threshold does not produce
acceptable peak overcurrent protection, an alternative
method must be used to determine an output
overcurrent situation. An alternative technique can use
the configurable output under voltage protection and
the PE1<UVTEE> bit to quickly terminate switching
when the output voltage drops because of an
overcurrent event.
When an output overcurrent is sensed, the OCIF flag is
set and the high-side drive signal is immediately
terminated. Without any custom overcurrent handling
implemented, the high-side drive signal will be asserted
high at the beginning of the next clock cycle. If the
overcurrent condition still exists, the high-drive signal
will again be terminated.
The OCIF interrupt flag must be cleared in software.
However, if a subsequent switching cycle without an
overcurrent condition has not occurred, hardware will
immediately set the OCIF interrupt flag.
Register OCCON contains the bits used to configure
both the output overcurrent limit and the amount of
leading edge blanking (see Register 6-2).
The OCCON<OCEN> bit must be set to enable the
input under voltage lockout circuitry.
Note:
The OCIF interrupt flag bit is set when an
interrupt condition occurs, regardless of
the state of its corresponding enable bit or
the Global Enable bit, GIE, of the INTCON
register.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com