Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

APFCON Datasheet(PDF) 121 Page - Microchip Technology

Part # APFCON
Description  Digitally Enhanced Power Analog Controller with Integrated Synchronous Driver
PDF  222 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

APFCON Datasheet(HTML) 121 Page - Microchip Technology

Back Button APFCON Datasheet HTML 117Page - Microchip Technology APFCON Datasheet HTML 118Page - Microchip Technology APFCON Datasheet HTML 119Page - Microchip Technology APFCON Datasheet HTML 120Page - Microchip Technology APFCON Datasheet HTML 121Page - Microchip Technology APFCON Datasheet HTML 122Page - Microchip Technology APFCON Datasheet HTML 123Page - Microchip Technology APFCON Datasheet HTML 124Page - Microchip Technology APFCON Datasheet HTML 125Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 121 / 222 page
background image
 2013 Microchip Technology Inc.
DS22331A-page 121
MCP19111
21.0
INTERNAL TEMPERATURE
INDICATOR MODULE
The MCP19111 is equipped with a temperature circuit
designed to measure the operating temperature of the
silicon die. The circuit's range of the operating
temperature falls between -40°C and +125°C. The
output is a voltage that is proportional to the device
temperature. The output of the temperature indicator is
internally connected to the device ADC.
21.1
Circuit Operation
The
TMPSEN
bit
in
the
ABECON
register,
Register 6-15, is set to enable the internal temperature
measurement circuit. The MCP19111 overtemperature
shutdown feature is NOT controlled by this bit.
FIGURE 21-1:
TEMPERATURE CIRCUIT
DIAGRAM
21.2
Temperature Output
The output of the circuit is measured using the internal
analog-to-digital converter. Channel 10 is reserved for
the temperature circuit output. Refer to Section 22.0
“Analog-to-Digital Converter (ADC) Module” for
detailed information.
The temperature of the silicon die can be calculated by
the ADC measurement by using Equation 21-1.
EQUATION 21-1:
SILICON DIE
TEMPERATURE
TSEN
ADC
MUX
TSRNG
VDD
ADC
CHS bits
(ADCON0 register)
n
VOUT
TEMP_DIE
ADC READING
1.75
–
13.3mV/
C
-----------------------------------------------------------
=



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com