Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

APFCON Datasheet(PDF) 189 Page - Microchip Technology

Part # APFCON
Description  Digitally Enhanced Power Analog Controller with Integrated Synchronous Driver
PDF  222 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

APFCON Datasheet(HTML) 189 Page - Microchip Technology

Back Button APFCON Datasheet HTML 185Page - Microchip Technology APFCON Datasheet HTML 186Page - Microchip Technology APFCON Datasheet HTML 187Page - Microchip Technology APFCON Datasheet HTML 188Page - Microchip Technology APFCON Datasheet HTML 189Page - Microchip Technology APFCON Datasheet HTML 190Page - Microchip Technology APFCON Datasheet HTML 191Page - Microchip Technology APFCON Datasheet HTML 192Page - Microchip Technology APFCON Datasheet HTML 193Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 189 / 222 page
background image
 2013 Microchip Technology Inc.
DS22331A-page 189
MCP19111
28.0
IN-CIRCUIT SERIAL
PROGRAMMING™ (ICSP™)
ICSP programming allows customers to manufacture
circuit boards with unprogrammed devices. Programming
can be done after the assembly process, allowing the
device to be programmed with the most recent firmware
or a custom firmware. Five pins are needed for ICSP
programming:
• ICSPCLK
• ICSPDAT
• MCLR
•VDD
•VSS
In Program/Verify mode the Program Memory, User IDs
and the Configuration Words are programmed through
serial
communications.
The
ICSPDAT
pin
is
a
bidirectional I/O used for transferring the serial data and
the ICSPCLK pin is the clock input. The device is placed
into a Program/Verify mode by holding the ICSPDAT and
ICSPCLK pins low, while raising the MCLR pin from VIL to
VIHH.
28.1
Common Programming Interfaces
Connection to a target device is typically done through
an ICSP header. A commonly found connector on
development tools is the RJ-11 in the 6P6C (6 pin,
6 connector) configuration. See Figure 28-1.
FIGURE 28-1:
ICD RJ-11 STYLE
CONNECTOR INTERFACE
Another connector often found in use with the PICkit™
programmers is a standard 6-pin header with 0.1 inch
spacing. Refer to Figure 28-2.
FIGURE 28-2:
PICkit-STYLE CONNECTOR INTERFACE
1
2
3
4
5
6
Target
Bottom Side
PC Board
MCLR
VSS
ICSPCLK
VDD
ICSPDAT
NC
Pin Description
1
=
1 = MCLR
2=
2 = VDDTarget
3=
3 = VSS (ground)
4
=
4 = ICSPDAT
5
=
5 = ICSPCLK
6
=
6 = No Connect
1
2
3
4
5
6
*
The 6-pin header (0.100" spacing) accepts 0.025" square pins.
Pin Description*
1
=
1 = MCLR
2=
2 = VDDTarget
3=
3 = VSS (ground)
4=
4 = ICSPDAT
5=
5 = ICSPCLK
6
=
6 = No Connect
Pin 1 Indicator



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com