Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

PCF8523TS/1 Datasheet(PDF) 15 Page - NXP Semiconductors

Part # PCF8523TS/1
Description  Real-Time Clock (RTC) and calendar
PDF  75 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NXP [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo NXP - NXP Semiconductors

PCF8523TS/1 Datasheet(HTML) 15 Page - NXP Semiconductors

Back Button PCF8523TS/1 Datasheet HTML 11Page - NXP Semiconductors PCF8523TS/1 Datasheet HTML 12Page - NXP Semiconductors PCF8523TS/1 Datasheet HTML 13Page - NXP Semiconductors PCF8523TS/1 Datasheet HTML 14Page - NXP Semiconductors PCF8523TS/1 Datasheet HTML 15Page - NXP Semiconductors PCF8523TS/1 Datasheet HTML 16Page - NXP Semiconductors PCF8523TS/1 Datasheet HTML 17Page - NXP Semiconductors PCF8523TS/1 Datasheet HTML 18Page - NXP Semiconductors PCF8523TS/1 Datasheet HTML 19Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 15 / 75 page
background image
PCF8523
All information provided in this document is subject to legal disclaimers.
© NXP B.V. 2012. All rights reserved.
Product data sheet
Rev. 4 — 5 July 2012
15 of 74
NXP Semiconductors
PCF8523
Real-Time Clock (RTC) and calendar
8.5 Power management functions
The PCF8523 has two power supply pins:
• VDD - the main power supply input pin
• VBAT - the battery backup input pin
The PCF8523 has two power management functions implemented:
• Battery switch-over function
• Battery low detection function
The power management functions are controlled by the control bits PM[2:0] in register
Control_3 (02h):
[1]
When the battery switch-over function is disabled, the PCF8523 works only with the power supply VDD.
[2]
When the battery switch-over function is disabled, the PCF8523 works only with the power supply VDD.
VBAT must be put to ground and the battery low detection function is disabled.
[3]
Default value.
8.5.1 Standby mode
When the device is first powered up from the battery (VBAT) but without a main supply
(VDD), the PCF8523 automatically enters the standby mode. In standby mode, the
PCF8523 does not draw any power from the backup battery until the device is powered up
from the main power supply VDD. Thereafter, the device switches over to battery backup
mode whenever the main power supply VDD is lost.
It is also possible to enter into standby mode when the chip is already supplied by the
main power supply VDD and a backup battery is connected. To enter the standby mode,
the power management control bits PM[2:0] have to be set logic 111. Then the main
power supply VDD must be removed. As a result of it, the PCF8523 enters the standby
mode and does not draw any current from the backup battery before it is powered up
again from main supply VDD.
Table 11.
Power management function control bits
PM[2:0]
Function
000
battery switch-over function is enabled in standard mode;
battery low detection function is enabled
001
battery switch-over function is enabled in direct switching mode;
battery low detection function is enabled
010,011[1]
battery switch-over function is disabled - only one power supply (VDD);
battery low detection function is enabled
100
battery switch-over function is enabled in standard mode;
battery low detection function is disabled
101
battery switch-over function is enabled in direct switching mode;
battery low detection function is disabled
110
not allowed
111[2][3]
battery switch-over function is disabled - only one power supply (VDD);
battery low detection function is disabled



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com