Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

PCF8523TS/1 Datasheet(PDF) 44 Page - NXP Semiconductors

Part # PCF8523TS/1
Description  Real-Time Clock (RTC) and calendar
PDF  75 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NXP [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo NXP - NXP Semiconductors

PCF8523TS/1 Datasheet(HTML) 44 Page - NXP Semiconductors

Back Button PCF8523TS/1 Datasheet HTML 40Page - NXP Semiconductors PCF8523TS/1 Datasheet HTML 41Page - NXP Semiconductors PCF8523TS/1 Datasheet HTML 42Page - NXP Semiconductors PCF8523TS/1 Datasheet HTML 43Page - NXP Semiconductors PCF8523TS/1 Datasheet HTML 44Page - NXP Semiconductors PCF8523TS/1 Datasheet HTML 45Page - NXP Semiconductors PCF8523TS/1 Datasheet HTML 46Page - NXP Semiconductors PCF8523TS/1 Datasheet HTML 47Page - NXP Semiconductors PCF8523TS/1 Datasheet HTML 48Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 44 / 75 page
background image
PCF8523
All information provided in this document is subject to legal disclaimers.
© NXP B.V. 2012. All rights reserved.
Product data sheet
Rev. 4 — 5 July 2012
44 of 74
NXP Semiconductors
PCF8523
Real-Time Clock (RTC) and calendar
[1]
F0 is clocked at 32.768 kHz.
Table 45.
First increment of time circuits after STOP release
Bit
Prescaler bits[1]
1Hz tick
Time
Comment
STOP
F0F1-F2 to F14
hh:mm:ss
Clock is running normally
0
01-0000111010100
12:45:12
prescaler counting normally
STOP is activated by user; F0F1 are not reset and values cannot be predicted externally
1
XX-0000000000000
12:45:12
prescaler is reset; time circuits are frozen
New time is set by user
1
XX-0000000000000
08:00:00
prescaler is reset; time circuits are frozen
STOP is released by user
0
XX-0000000000000
08:00:00
prescaler is now running
0
XX-1000000000000
08:00:00
-
0
XX-0100000000000
08:00:00
-
0
XX-1100000000000
08:00:00
-
::
:
:
0
11-1111111111110
08:00:00
-
0
00-0000000000001
08:00:01
0 to 1 transition of F14 increments the time circuits
0
10-0000000000001
08:00:01
-
::
:
:
0
11-1111111111111
08:00:01
-
0
00-0000000000000
08:00:01
-
::
:
:
0
11-1111111111110
08:00:01
-
0
00-0000000000001
08:00:02
0 to 1 transition of F14 increments the time circuits
013aaa337



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com