Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

PCF8523TS/1 Datasheet(PDF) 50 Page - NXP Semiconductors

Part # PCF8523TS/1
Description  Real-Time Clock (RTC) and calendar
PDF  75 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NXP [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo NXP - NXP Semiconductors

PCF8523TS/1 Datasheet(HTML) 50 Page - NXP Semiconductors

Back Button PCF8523TS/1 Datasheet HTML 46Page - NXP Semiconductors PCF8523TS/1 Datasheet HTML 47Page - NXP Semiconductors PCF8523TS/1 Datasheet HTML 48Page - NXP Semiconductors PCF8523TS/1 Datasheet HTML 49Page - NXP Semiconductors PCF8523TS/1 Datasheet HTML 50Page - NXP Semiconductors PCF8523TS/1 Datasheet HTML 51Page - NXP Semiconductors PCF8523TS/1 Datasheet HTML 52Page - NXP Semiconductors PCF8523TS/1 Datasheet HTML 53Page - NXP Semiconductors PCF8523TS/1 Datasheet HTML 54Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 50 / 75 page
background image
PCF8523
All information provided in this document is subject to legal disclaimers.
© NXP B.V. 2012. All rights reserved.
Product data sheet
Rev. 4 — 5 July 2012
50 of 74
NXP Semiconductors
PCF8523
Real-Time Clock (RTC) and calendar
11. Static characteristics
Table 48.
Static characteristics
VDD = 1.2 V to 5.5 V; VSS =0V; Tamb = 40 C to +85 C; fosc = 32.768 kHz; quartz Rs =40 k; CL = 7 pF; unless otherwise
specified.
Symbol Parameter
Conditions
Min
Typ
Max
Unit
Supplies
VDD
supply voltage
I2C-bus inactive;
for clock data integrity
Tamb = 40 C to +85 C
[1] 1.2-
5.5V
Tamb =+10 C to +85 C
[2] 1.0-
5.5V
I2C-bus active
1.6
-
5.5
V
power management function active
1.8
-
5.5
V
SR
slew rate
of VDD
--
0.5
V/ms
VBAT
battery supply voltage
power management function active
1.8
-
5.5
V
IDD
supply current
I2C-bus active;
fSCL = 1000 kHz
-
-
200
A
I2C-bus inactive (fSCL =0Hz);
interrupts disabled
clock-out disabled;
power management function disabled
(PM[2:0] = 111)
Tamb =25 C;
VDD =3.0 V
[3] -150
-nA
Tamb = 40 C to +85 C;
VDD = 2.0 V to 5.0 V
[3] -
-
500
nA
clock-out enabled at 32 kHz;
power management function enabled
(PM[2:0] = 000)
Tamb =25 C;
VBAT or VDD =3.0 V
[4] -1200
-nA
Tamb = 40 C to +85 C;
VBAT or VDD = 2.0 V to 5.0 V
[4] -
-
3600
nA
IL(bat)
battery leakage current
VDD active; VBAT = 3.0 V
-
50
100
nA
Power management
Vth(sw)bat battery switch threshold
voltage
2.28
2.5
2.7
V
Inputs[5]
VIL
LOW-level input voltage
-
-
0.3VDD
V
VIH
HIGH-level input
voltage
0.7VDD
--
V
VI
input voltage
0.5
-
VDD +0.5 V
ILI
input leakage current
VI = VSS or VDD
-0
-nA
post ESD event
1-
+1
A
CI
input capacitance
[6] --
7
pF



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com