Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

PCF8523TS/1 Datasheet(PDF) 34 Page - NXP Semiconductors

Part # PCF8523TS/1
Description  Real-Time Clock (RTC) and calendar
PDF  75 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NXP [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo NXP - NXP Semiconductors

PCF8523TS/1 Datasheet(HTML) 34 Page - NXP Semiconductors

Back Button PCF8523TS/1 Datasheet HTML 30Page - NXP Semiconductors PCF8523TS/1 Datasheet HTML 31Page - NXP Semiconductors PCF8523TS/1 Datasheet HTML 32Page - NXP Semiconductors PCF8523TS/1 Datasheet HTML 33Page - NXP Semiconductors PCF8523TS/1 Datasheet HTML 34Page - NXP Semiconductors PCF8523TS/1 Datasheet HTML 35Page - NXP Semiconductors PCF8523TS/1 Datasheet HTML 36Page - NXP Semiconductors PCF8523TS/1 Datasheet HTML 37Page - NXP Semiconductors PCF8523TS/1 Datasheet HTML 38Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 34 / 75 page
background image
PCF8523
All information provided in this document is subject to legal disclaimers.
© NXP B.V. 2012. All rights reserved.
Product data sheet
Rev. 4 — 5 July 2012
34 of 74
NXP Semiconductors
PCF8523
Real-Time Clock (RTC) and calendar
8.9.1.4
Register Tmr_A_reg
8.9.1.5
Register Tmr_B_freq_ctrl
[1]
Default value.
8.9.1.6
Register Tmr_B_reg
Table 37.
Tmr_A_reg - timer A value register (address 11h) bit description
Bit
Symbol
Value
Description
7 to 0
TIMER_A_VALUE[7:0] 00 to FF
timer-period in seconds
where n is the countdown value
timerperiod
n
sourceclockfrequency
-----------------------------------------------------------
=
Table 38.
Tmr_B_freq_ctrl - timer B frequency control register (address 12h) bit
description
Bit
Symbol
Value
Description
7
-
-
unused
6 to 4
TBW[2:0]
low pulse width for pulsed timer B interrupt
000[1]
46.875 ms
001
62.500 ms
010
78.125 ms
011
93.750 ms
100
125.000 ms
101
156.250 ms
110
187.500 ms
111
218.750 ms
3
-
-
unused
2 to 0
TBQ[2:0]
source clock for timer B (see Table 40)
000
4.096 kHz
001
64 Hz
010
1 Hz
011
1⁄60 Hz
111[1]
110
100
1⁄3600 Hz
Table 39.
Tmr_B_reg - timer B value register (address 13h) bit description
Bit
Symbol
Value
Description
7 to 0
TIMER_B_VALUE[7:0] 00 to FF
timer-period in seconds
where n is the countdown value
timerperiod
n
sourceclockfrequency
-----------------------------------------------------------
=



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com