Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

PCF8523TS/1 Datasheet(PDF) 40 Page - NXP Semiconductors

Part # PCF8523TS/1
Description  Real-Time Clock (RTC) and calendar
PDF  75 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NXP [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo NXP - NXP Semiconductors

PCF8523TS/1 Datasheet(HTML) 40 Page - NXP Semiconductors

Back Button PCF8523TS/1 Datasheet HTML 36Page - NXP Semiconductors PCF8523TS/1 Datasheet HTML 37Page - NXP Semiconductors PCF8523TS/1 Datasheet HTML 38Page - NXP Semiconductors PCF8523TS/1 Datasheet HTML 39Page - NXP Semiconductors PCF8523TS/1 Datasheet HTML 40Page - NXP Semiconductors PCF8523TS/1 Datasheet HTML 41Page - NXP Semiconductors PCF8523TS/1 Datasheet HTML 42Page - NXP Semiconductors PCF8523TS/1 Datasheet HTML 43Page - NXP Semiconductors PCF8523TS/1 Datasheet HTML 44Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 40 / 75 page
background image
PCF8523
All information provided in this document is subject to legal disclaimers.
© NXP B.V. 2012. All rights reserved.
Product data sheet
Rev. 4 — 5 July 2012
40 of 74
NXP Semiconductors
PCF8523
Real-Time Clock (RTC) and calendar
8.9.5 Timer interrupt pulse
The timer interrupt is generated as a pulsed signal when TAM or TBM are set logic 1. The
pulse generator for the timer interrupt also uses an internal clock, but this time it is
dependent on the selected source clock for the timer and on the timer register value n. So,
the width of the interrupt pulse varies; see Table 43 and Table 44.
[1]
n = loaded timer register value. Timer stops when n = 0.
For timer B, interrupt pulse width is programmable via bit TBM (register
Tmr_CLKOUT_ctrl).
In this example, bit TAM is set logic 1 and the SF flag is not cleared after an interrupt.
Fig 22. Example for second interrupt when TAM = 1
In this example, bit TAM is set logic 0 and the SF flag is cleared after an interrupt.
Fig 23. Example for second interrupt when TAM = 0
013aaa331
58
59
59
00
11
seconds counter
minutes counter
INT1 when SIE enabled
SF when SIE enabled
12
00
01
013aaa332
58
seconds counter
minutes counter
INT1 when SIE enabled
SF when SIE enabled
59
59
11
00
00
01
12
Table 43.
Interrupt low pulse width for timer A
Pulse mode, bit TAM set logic 1.
Source clock (Hz)
Interrupt pulse width
n = 1[1]
n > 1[1]
4096
122
s
244
s
64
7.812 ms
15.625 ms
1
15.625 ms
15.625 ms
1⁄60
15.625 ms
15.625 ms
1⁄3600
15.625 ms
15.625 ms



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com