Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

PCF8523TS/1 Datasheet(PDF) 28 Page - NXP Semiconductors

Part # PCF8523TS/1
Description  Real-Time Clock (RTC) and calendar
PDF  75 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NXP [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo NXP - NXP Semiconductors

PCF8523TS/1 Datasheet(HTML) 28 Page - NXP Semiconductors

Back Button PCF8523TS/1 Datasheet HTML 24Page - NXP Semiconductors PCF8523TS/1 Datasheet HTML 25Page - NXP Semiconductors PCF8523TS/1 Datasheet HTML 26Page - NXP Semiconductors PCF8523TS/1 Datasheet HTML 27Page - NXP Semiconductors PCF8523TS/1 Datasheet HTML 28Page - NXP Semiconductors PCF8523TS/1 Datasheet HTML 29Page - NXP Semiconductors PCF8523TS/1 Datasheet HTML 30Page - NXP Semiconductors PCF8523TS/1 Datasheet HTML 31Page - NXP Semiconductors PCF8523TS/1 Datasheet HTML 32Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 28 / 75 page
background image
PCF8523
All information provided in this document is subject to legal disclaimers.
© NXP B.V. 2012. All rights reserved.
Product data sheet
Rev. 4 — 5 July 2012
28 of 74
NXP Semiconductors
PCF8523
Real-Time Clock (RTC) and calendar
8.8 Register Offset
The PCF8523 incorporates an offset register (address 0Eh), which can be used to
implement several functions, like:
• Aging adjustment
• Temperature compensation
• Accuracy tuning
[1]
Default value.
For MODE = 0, each LSB introduces an offset of 4.34 ppm. For MODE = 1, each LSB
introduces an offset of 4.069 ppm. The values of 4.34 ppm and 4.069 ppm are based on a
nominal 32.768 kHz clock. The offset value is coded in two’s complement giving a range
of +63 LSB to
64 LSB.
[1]
Default mode.
The correction is made by adding or subtracting clock correction pulses, thereby changing
the period of a single second.
It is possible to monitor when correction pulses are applied. To enable correction interrupt
generation, bit CIE (register Control_1) has to be set logic 1. At every correction cycle a
1⁄4096 s pulse is generated on pin INTx. If multiple correction pulses are applied, a 1⁄4096 s
interrupt pulse is generated for each correction pulse applied.
Table 28.
Offset - offset register (address 0Eh) bit description
Bit
Symbol
Value
Description
7MODE
0[1]
offset is made once every two hours
1
offset is made once every minute
6 to 0
OFFSET[6:0]
see Table 29
offset value
Table 29.
Offset values
OFFSET[6:0]
Offset value in
decimal
Offset value in ppm
Every two hours
(MODE = 0)
Every minute
(MODE = 1)
0111111
+63
+273.420
+256.347
0111110
+62
+269.080
+252.278
::::
0000010
+2
+8.680
+8.138
0000001
+1
+4.340
+4.069
0000000
0[1]
0[1]
0[1]
1111111
1
4.340
4.069
1111110
2
8.680
8.138
::::
1000001
63
273.420
256.347
1000000
64
277.760
260.416



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com