Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

PCF8523TS/1 Datasheet(PDF) 36 Page - NXP Semiconductors

Part # PCF8523TS/1
Description  Real-Time Clock (RTC) and calendar
PDF  75 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NXP [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo NXP - NXP Semiconductors

PCF8523TS/1 Datasheet(HTML) 36 Page - NXP Semiconductors

Back Button PCF8523TS/1 Datasheet HTML 32Page - NXP Semiconductors PCF8523TS/1 Datasheet HTML 33Page - NXP Semiconductors PCF8523TS/1 Datasheet HTML 34Page - NXP Semiconductors PCF8523TS/1 Datasheet HTML 35Page - NXP Semiconductors PCF8523TS/1 Datasheet HTML 36Page - NXP Semiconductors PCF8523TS/1 Datasheet HTML 37Page - NXP Semiconductors PCF8523TS/1 Datasheet HTML 38Page - NXP Semiconductors PCF8523TS/1 Datasheet HTML 39Page - NXP Semiconductors PCF8523TS/1 Datasheet HTML 40Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 36 / 75 page
background image
PCF8523
All information provided in this document is subject to legal disclaimers.
© NXP B.V. 2012. All rights reserved.
Product data sheet
Rev. 4 — 5 July 2012
36 of 74
NXP Semiconductors
PCF8523
Real-Time Clock (RTC) and calendar
When loading the counter with 0:
• The flag WTAF is reset (WTAF = 0)
• Interrupt is cleared
• The watchdog timer stops
WTAF is read only. A read of the register Control_2 (01h) automatically resets WTAF
(WTAF = 0) and clears the interrupt.
8.9.2.2
Countdown timer function
When configured as a countdown timer (TAC[1:0] = 01), timer A counts down from the
software programmed 8-bit binary value n in register Tmr_A_reg (11h). When the counter
reaches 1, the following events occur on the next rising edge of the timer clock (see
Figure 20):
• The countdown timer flag CTAF (register Control_2) is set logic 1
• When the interrupt generation is enabled (CTAIE = 1), an interrupt signal on INT1 is
generated
• The counter automatically reloads
• The next timer-period starts
TAC[1:0] = 10, WTAIE = 1, WTAF = 1, an interrupt is generated.
Fig 19. Watchdog activates an interrupt when timed out
013aaa327
watchdog
timer value
WTAF
n = 0
n
MCU
INT1
n = 1



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com