Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AOZ1361DI Datasheet(PDF) 9 Page - Alpha & Omega Semiconductors

Part # AOZ1361DI
Description  28V Programmable Current-Limited Load Switch
PDF  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AOSMD [Alpha & Omega Semiconductors]
Direct Link  http://www.aosmd.com
Logo AOSMD - Alpha & Omega Semiconductors

AOZ1361DI Datasheet(HTML) 9 Page - Alpha & Omega Semiconductors

Back Button AOZ1361DI Datasheet HTML 4Page - Alpha & Omega Semiconductors AOZ1361DI Datasheet HTML 5Page - Alpha & Omega Semiconductors AOZ1361DI Datasheet HTML 6Page - Alpha & Omega Semiconductors AOZ1361DI Datasheet HTML 7Page - Alpha & Omega Semiconductors AOZ1361DI Datasheet HTML 8Page - Alpha & Omega Semiconductors AOZ1361DI Datasheet HTML 9Page - Alpha & Omega Semiconductors AOZ1361DI Datasheet HTML 10Page - Alpha & Omega Semiconductors AOZ1361DI Datasheet HTML 11Page - Alpha & Omega Semiconductors AOZ1361DI Datasheet HTML 12Page - Alpha & Omega Semiconductors  
Zoom Inzoom in Zoom Outzoom out
 9 / 12 page
background image
AOZ1361DI
Rev. 2.0 October 2010
www.aosmd.com
Page 9 of 12
Applications Information
Input Capacitor Selection
The input capacitor prevents large voltage transients
from appearing at the input, and provides the
instantaneous current needed each time the switch turns
on and to limit input voltage drop. Also it is to prevent
high-frequency noise on the power line from passing
through the output of the power side. The choice of the
input capacitor is based on its ripple current and voltage
ratings rather than its capacitor value. The input capacitor
should be located as close to the VIN pin as possible. A
1µF ceramic cap is recommended. However, higher
capacitor values further reduce the voltage drop at the
input.
Output Capacitor Selection
The output capacitor acts in a similar way. A small 0.1µF
capacitor prevents high-frequency noise from going into
the system. Also, the output capacitor has to supply
enough current for a large load that it may encounter
during system transients. This bulk capacitor must be
large enough to supply fast transient load in order to
prevent the output from dropping.
Current Limit Setting
The current limit is program by using external resistor
connected to the SET pin. To set the current limit, use the
Figure 3 below.
Figure 3. Current Limit vs. RSET (VIN = 12V)
Slew Rate Setting
Slew rate is set by changing the capacitor value on the
SS pin of the device. A capacitor connected between this
SS pin and ground will reduce the output slew-rate. The
capacitive range is 0.001µF to 0.1µF. See Figure 4 for
Output Slew Rate Adjustment vs. Capacitance.
Figure 4. Output Slew Rate Adjustment vs. Capacitance
Power Dissipation Calculation
Calculate the power dissipation for normal load condition
using the following equation:
PD = RON x (IOUT)
2
The worst case power dissipation occurs when the
load current hits the current limit due to over-current or
short circuit faults. The power dissipation under these
conditions can be calculated using the following
equation:
PD = (VIN – VOUT) x ILIMIT
Layout Guidelines
Good PCB layout is important for improving the thermal
and overall performance of AOZ1361. To optimize the
switch response time to output short-circuit conditions
keep all traces as short as possible to reduce the effect of
unwanted parasitic inductance. Place the input and
output bypass capacitors as close as possible to the
IN and OUT pins. The input and output PCB traces
should be as wide as possible for the given PCB space.
Use a ground plane to enhance the power dissipation
capability of the device.
AOZ1361 RSET vs. ILIM
1.8
2.8
3.8
4.8
5.8
6.8
15
35
55
75
95
115
RSET (kΩ)
0
5
10
15
20
25
30
35
0
0.02
0.04
0.06
0.08
0.1
Capacitance (μF)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com