Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AOZ1361DI Datasheet(PDF) 11 Page - Alpha & Omega Semiconductors

Part # AOZ1361DI
Description  28V Programmable Current-Limited Load Switch
PDF  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AOSMD [Alpha & Omega Semiconductors]
Direct Link  http://www.aosmd.com
Logo AOSMD - Alpha & Omega Semiconductors

AOZ1361DI Datasheet(HTML) 11 Page - Alpha & Omega Semiconductors

Back Button AOZ1361DI Datasheet HTML 4Page - Alpha & Omega Semiconductors AOZ1361DI Datasheet HTML 5Page - Alpha & Omega Semiconductors AOZ1361DI Datasheet HTML 6Page - Alpha & Omega Semiconductors AOZ1361DI Datasheet HTML 7Page - Alpha & Omega Semiconductors AOZ1361DI Datasheet HTML 8Page - Alpha & Omega Semiconductors AOZ1361DI Datasheet HTML 9Page - Alpha & Omega Semiconductors AOZ1361DI Datasheet HTML 10Page - Alpha & Omega Semiconductors AOZ1361DI Datasheet HTML 11Page - Alpha & Omega Semiconductors AOZ1361DI Datasheet HTML 12Page - Alpha & Omega Semiconductors  
Zoom Inzoom in Zoom Outzoom out
 11 / 12 page
background image
Rev. 2.0 October 2010
www.aosmd.com
Page 11 of 12
AOZ1361DI
Tape and Reel Dimensions, DFN 4x4
Package
DFN 4x4
(12mm)
A0
B0
K0
E
E1
E2
D0
D1
P0
P1
P2
T
4.35
0.10
0.10
1.10
Min.
1.50
1.50
+0.1/-0.0
0.3
12.0
0.10
1.75
0.05
5.50
0.10
8.00
0.10
4.00
0.05
2.00
0.05
0.30
R
V
M
N
G
S
W
N
M
ø79.0
ø330.0
2.0
12.4
12 mm
Tape Size
V
R
S
K
0.5
2.0
10.5
G
———
H
W1
ø13.0
0.5
17.0
H
K
W
W1
Reel Size
ø330
UNIT: MM
UNIT: MM
1.0
+2.0/-0.0
+2.6/-0.0
D1
P1
E1
E2
E
P2
K0
T
A0
P0
B0
D0
C
L
0.2
0.10
4.35
Carrier Tape
Reel
Trailer Tape
300mm min. or
75 empty pockets
Components Tape
Orientation in Pocket
Leader Tape
500mm min. or
125 empty pockets
Leader/Trailer and Orientation
Feeding Direction



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com