Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AOZ1361DI Datasheet(PDF) 2 Page - Alpha & Omega Semiconductors

Part # AOZ1361DI
Description  28V Programmable Current-Limited Load Switch
PDF  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AOSMD [Alpha & Omega Semiconductors]
Direct Link  http://www.aosmd.com
Logo AOSMD - Alpha & Omega Semiconductors

AOZ1361DI Datasheet(HTML) 2 Page - Alpha & Omega Semiconductors

  AOZ1361DI Datasheet HTML 1Page - Alpha & Omega Semiconductors AOZ1361DI Datasheet HTML 2Page - Alpha & Omega Semiconductors AOZ1361DI Datasheet HTML 3Page - Alpha & Omega Semiconductors AOZ1361DI Datasheet HTML 4Page - Alpha & Omega Semiconductors AOZ1361DI Datasheet HTML 5Page - Alpha & Omega Semiconductors AOZ1361DI Datasheet HTML 6Page - Alpha & Omega Semiconductors AOZ1361DI Datasheet HTML 7Page - Alpha & Omega Semiconductors AOZ1361DI Datasheet HTML 8Page - Alpha & Omega Semiconductors AOZ1361DI Datasheet HTML 9Page - Alpha & Omega Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 12 page
background image
AOZ1361DI
Rev. 2.0 October 2010
www.aosmd.com
Page 2 of 12
Ordering Information
AOS Green Products use reduced levels of Halogens, and are also RoHS compliant.
Please visit www.aosmd.com/web/quality/rohs_compliant.jsp for additional information.
Pin Configuration
Pin Description
Part Number
Feature
Package
Temperature Range
Environmental
AOZ1361DI-01
Auto-restart
DFN 4x4 10
-40°C to +85°C
RoHS Compliant
Green Product
AOZ1361DI-02
Latch-off
Pin Number
Pin Name
Pin Function
1, 2
IN
P-channel MOSFET source. Connect a 1µF capacitor from IN to GND.
3
FLTB
Fault output pin. This is an open drain output that is internally pulled low to indicate a
fault condition. Connect to 5V or 3.3V through a pull up resistor.
4
GND
Ground.
5
SS
Soft-Start Pin. Connect a capacitor from SS to GND to set the soft-start time.
6
EN
Enable Input.
7
SET
Current Limit Set Pin. Connect a resistor between SET and GND to set the switch cur-
rent limit.
8
TFLT
Fault Delay pin. Connect a capacitor from TFLT to GND to set the Fault delay time.
9, 10
OUT
P-channel MOSFET Drain. Connect a 0.1µF capacitor from OUT to GND.
TOP VIEW
DFN 4 x4 10
IN
IN
SS
EN
OUT
1
2
4
6
9
GND
3
OUT
8
SET
7
5
10
FLTB
TFLT
OUT
GND



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com