Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AOZ1361DI Datasheet(PDF) 4 Page - Alpha & Omega Semiconductors

Part # AOZ1361DI
Description  28V Programmable Current-Limited Load Switch
PDF  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AOSMD [Alpha & Omega Semiconductors]
Direct Link  http://www.aosmd.com
Logo AOSMD - Alpha & Omega Semiconductors

AOZ1361DI Datasheet(HTML) 4 Page - Alpha & Omega Semiconductors

  AOZ1361DI Datasheet HTML 1Page - Alpha & Omega Semiconductors AOZ1361DI Datasheet HTML 2Page - Alpha & Omega Semiconductors AOZ1361DI Datasheet HTML 3Page - Alpha & Omega Semiconductors AOZ1361DI Datasheet HTML 4Page - Alpha & Omega Semiconductors AOZ1361DI Datasheet HTML 5Page - Alpha & Omega Semiconductors AOZ1361DI Datasheet HTML 6Page - Alpha & Omega Semiconductors AOZ1361DI Datasheet HTML 7Page - Alpha & Omega Semiconductors AOZ1361DI Datasheet HTML 8Page - Alpha & Omega Semiconductors AOZ1361DI Datasheet HTML 9Page - Alpha & Omega Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 12 page
background image
AOZ1361DI
Rev. 2.0 October 2010
www.aosmd.com
Page 4 of 12
Timing Diagram
Figure 1. AOZ1361DI Timing
Functional Block Diagram
Figure 2. AOZ1361DI Functional Block Diagram
TD(ON)
10%
90%
TR
VIH
EN
OUT
VIL
90%
TD(OFF)
Gate Driver &
Slew Rate
Control
EN
IN
OUT
SET
AOZ1361DI
3.9V
UVLO
Comparator
R1
74.5k
Ω
Thermal
Shutdown
C1
1μF
C4
1nF
SS
Fault Delay &
Latch
Current Limit
FLTB
C3
1nF
R2
100k
Ω
5V
FLTG
TFLT
OC
OT



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com