Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AOZ1361DI Datasheet(PDF) 3 Page - Alpha & Omega Semiconductors

Part # AOZ1361DI
Description  28V Programmable Current-Limited Load Switch
PDF  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AOSMD [Alpha & Omega Semiconductors]
Direct Link  http://www.aosmd.com
Logo AOSMD - Alpha & Omega Semiconductors

AOZ1361DI Datasheet(HTML) 3 Page - Alpha & Omega Semiconductors

  AOZ1361DI Datasheet HTML 1Page - Alpha & Omega Semiconductors AOZ1361DI Datasheet HTML 2Page - Alpha & Omega Semiconductors AOZ1361DI Datasheet HTML 3Page - Alpha & Omega Semiconductors AOZ1361DI Datasheet HTML 4Page - Alpha & Omega Semiconductors AOZ1361DI Datasheet HTML 5Page - Alpha & Omega Semiconductors AOZ1361DI Datasheet HTML 6Page - Alpha & Omega Semiconductors AOZ1361DI Datasheet HTML 7Page - Alpha & Omega Semiconductors AOZ1361DI Datasheet HTML 8Page - Alpha & Omega Semiconductors AOZ1361DI Datasheet HTML 9Page - Alpha & Omega Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 12 page
background image
AOZ1361DI
Rev. 2.0 October 2010
www.aosmd.com
Page 3 of 12
Absolute Maximum Ratings
Exceeding the Absolute Maximum ratings may damage the
device.
Recommended Operating Conditions
The device is not guaranteed to operate beyond the Maximum
Recommended Operating Conditions.
Parameter
Rating
IN to GND
-0.3V to +30V
EN, OUT to GND
-0.3V to VIN + 0.3V
FLTB, TFLT, SS, SET
-0.3V to +6V
Maximum Junction Temperature (TJ)
+150°C
ESD Rating (HBM)
2.5kV
Parameter
Rating
Thermal Resistance (DFN 4x4)
63°C/W
Electrical Characteristics
VIN = 12V, TA = 25°C unless otherwise stated.
Symbol
Parameter
Conditions
Min.
Typ.
Max
Units
VIN
Input Supply Voltage
4.5
28
V
VUVLO
Undervoltage Lockout
Threshold
IN rising
3.9
4.4
V
VUVHYS
Undervoltage Lockout
Hysteresis
200
mV
IIN_ON
Input Quiescent Current
EN = IN, no load
300
500
µA
IIN_OFF
Input Shutdown Current
EN = GND, no load
1
µA
ILEAK
Output Leakage Current
EN = GND, no load
1
µA
RDS(ON)
Switch On Resistance
VIN= 12V
22
35
m
Ω
VIN = 4.5V
33
43
ILIM
Current Limit
RSET = 74.5kΩ
22.7
3.4
A
VEN_L
Enable Input Low Voltage
0.8
V
VEN_H
Enable Input High Voltage
2.0
V
VEN_HYS
Enable Input Hysteresis
100
mV
IEN_BIAS
Enable Input Bias Current
1µA
Td_on
Turn-On Delay Time
EN_50% to OUT_10%
RL=120Ω, CL = 1µF, SS = Floated.
Measure from 50% of EN voltage to
10% of OUT voltage
280
µs
tON
Turn-On Rise Time
OUT_10% to 90%
RL=120Ω, CL = 1µF, SS = Floated.
Measure from 10% of OUT voltage
to 90% of OUT voltage
220
µs
RL=120Ω, CL = 1µF, CSS = 1nF
360
µs
tOFF
Turn-Off Fall Time
RL=120Ω, CL = 1µF, SS = Floated
280
µs
RDS(FLTB)
On-Resistance at FLTB
Sink current = 4mA
100
Ω
ILEAK_FLT
FLT Output Leakage
1µA
TFLT
FLT Delay Period
CTLT = 1nF
600
µs
TSD
Thermal Shutdown Threshold
130
°C
TSD_HYS
Thermal Shutdown Hysteresis
30
°C



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com