Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AOZ1361DI Datasheet(PDF) 1 Page - Alpha & Omega Semiconductors

Part # AOZ1361DI
Description  28V Programmable Current-Limited Load Switch
PDF  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AOSMD [Alpha & Omega Semiconductors]
Direct Link  http://www.aosmd.com
Logo AOSMD - Alpha & Omega Semiconductors

AOZ1361DI Datasheet(HTML) 1 Page - Alpha & Omega Semiconductors

  AOZ1361DI Datasheet HTML 1Page - Alpha & Omega Semiconductors AOZ1361DI Datasheet HTML 2Page - Alpha & Omega Semiconductors AOZ1361DI Datasheet HTML 3Page - Alpha & Omega Semiconductors AOZ1361DI Datasheet HTML 4Page - Alpha & Omega Semiconductors AOZ1361DI Datasheet HTML 5Page - Alpha & Omega Semiconductors AOZ1361DI Datasheet HTML 6Page - Alpha & Omega Semiconductors AOZ1361DI Datasheet HTML 7Page - Alpha & Omega Semiconductors AOZ1361DI Datasheet HTML 8Page - Alpha & Omega Semiconductors AOZ1361DI Datasheet HTML 9Page - Alpha & Omega Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 12 page
background image
Rev. 2.0 October 2010
www.aosmd.com
Page 1 of 12
AOZ1361DI
28V Programmable Current-Limited Load Switch
General Description
The AOZ1361DI is a high-side load switch intended for
applications that require circuit protection. The device
operates from voltages between 4.5V and 28V. The
internal current limiting circuit protects the input supply
voltage from large load current. The current limit can be
set with an external resistor. The AOZ1361DI provides
thermal protection function that limits excessive power
dissipation. The device employs internal soft-start
circuitry to control inrush current due to highly capacitive
loads associated with hot-plug events. It features low
quiescent current of 220µA and the supply current
reduces to less than 1µA in shutdown.
The AOZ1361DI is available in a 10-pin 4x4 DFN
package and can operate over -40
°C to +85°C
temperature range.
Features
35m
Ω maximum on resistance
Programmable current limit
4.5V to 28V operating input voltage
Low quiescent current
Under-voltage lockout
Thermal shutdown protection
Open-drain fault indicator with delay
Small 4x4 DFN package
2.5kV ESD rating
Applications
Notebook PCs
Hot swap supplies
Typical Application
AOZ1361DI
IN
IN
EN
GND
FLTB
OUT
OUT
SET
SS
TFLT
1
2
6
4
3
10
9
7
5
8
C1
1µF
C3
1nF
C4
1nF
ON
OFF
VOUT
VIN
C2
0.1µF
R1
74.5k
Ω
R2
100k
Ω
+5V


Similar Part No. - AOZ1361DI

ManufacturerPart #DatasheetDescription
logo
Alpha & Omega Semicondu...
AOZ1361DI AOSMD-AOZ1361DI Datasheet
828Kb / 12P
28V Programmable Current-Limited Load Switch
AOZ1361DI-01 AOSMD-AOZ1361DI-01 Datasheet
828Kb / 12P
28V Programmable Current-Limited Load Switch
AOZ1361DI-02 AOSMD-AOZ1361DI-02 Datasheet
828Kb / 12P
28V Programmable Current-Limited Load Switch
More results

Similar Description - AOZ1361DI

ManufacturerPart #DatasheetDescription
logo
Advanced Analog Technol...
AAT4610 AAT-AAT4610 Datasheet
252Kb / 10P
Current Limited Load Switch
2006.09.1.3
AAT4612 AAT-AAT4612 Datasheet
241Kb / 11P
Current Limited Load Switch
2006.09.1.3
AAT4618 AAT-AAT4618 Datasheet
251Kb / 11P
Current Limited Load Switch
2006.05.1.2
logo
Alpha & Omega Semicondu...
AOZ1360 AOSMD-AOZ1360 Datasheet
938Kb / 12P
28V Programmable Current-Limited Load Switch
logo
Eutech Microelectronics...
EUP3510 EUTECH-EUP3510 Datasheet
206Kb / 9P
Current Limited Load Switch
logo
Alpha & Omega Semicondu...
AOZ1360 AOSMD-AOZ1360_12 Datasheet
1Mb / 15P
28V Programmable Current-Limited Load Switch
AOZ1361DI-01 AOSMD-AOZ1361DI-01 Datasheet
828Kb / 12P
28V Programmable Current-Limited Load Switch
logo
Global Mixed-mode Techn...
G527 GMT-G527 Datasheet
110Kb / 1P
Current Limited Load Switch
G5255 GMT-G5255 Datasheet
75Kb / 1P
Current Limited Load Switch
logo
Alpha & Omega Semicondu...
AOZ1360DIL AOSMD-AOZ1360DIL Datasheet
1Mb / 16P
28V Programmable Current-Limited Load Switch
Rev. 2.0 January 2015
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com