Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AOZ1361DI Datasheet(PDF) 10 Page - Alpha & Omega Semiconductors

Part # AOZ1361DI
Description  28V Programmable Current-Limited Load Switch
PDF  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AOSMD [Alpha & Omega Semiconductors]
Direct Link  http://www.aosmd.com
Logo AOSMD - Alpha & Omega Semiconductors

AOZ1361DI Datasheet(HTML) 10 Page - Alpha & Omega Semiconductors

Back Button AOZ1361DI Datasheet HTML 4Page - Alpha & Omega Semiconductors AOZ1361DI Datasheet HTML 5Page - Alpha & Omega Semiconductors AOZ1361DI Datasheet HTML 6Page - Alpha & Omega Semiconductors AOZ1361DI Datasheet HTML 7Page - Alpha & Omega Semiconductors AOZ1361DI Datasheet HTML 8Page - Alpha & Omega Semiconductors AOZ1361DI Datasheet HTML 9Page - Alpha & Omega Semiconductors AOZ1361DI Datasheet HTML 10Page - Alpha & Omega Semiconductors AOZ1361DI Datasheet HTML 11Page - Alpha & Omega Semiconductors AOZ1361DI Datasheet HTML 12Page - Alpha & Omega Semiconductors  
Zoom Inzoom in Zoom Outzoom out
 10 / 12 page
background image
AOZ1361DI
Rev. 2.0 October 2010
www.aosmd.com
Page 10 of 12
Package Dimensions, DFN 4x4
Seating
Plane
B
A
C
4
6
5
3
2
Notes:
1. All dimensions are in millimeters.
2. The dimensions with * are just for reference.
3. The location of the terminal #1 identifier and terminal numbering convention conforms to JEDEC publication 95 SPP-002.
4. Dimension b applies to metallized terminal and is measured between 0.15mm and 0.30mm from the terminal tip. If the terminal has the
optional radius on the other end of the terminal, then dimension b should not be measured in that radius area.
5.
Coplanarity applies to the terminals and all other bottom surface metallization.
6.
Drawings shown are for illustration only.
ddd
eee
b
e
L
E1
D2
A1
A
A3
D1
Pin #1 IDA
L1
L3
10x
INDEX AREA
(D/2xE/2)
Chamfer 0.20
Unit: mm
*
L4
L4
*
0.35 TYP
0.38
*
6
10
Pin 1
D/2
E/2
D
E
1
5
5
1
10
6
Chamfer 0.20
0.02
Pin #1 IDA
1.78
1.42
0.30
0.30
2.30
0.65 Typ.
0.65 Typ.
1.15
3.55
E1/2
L2
TOP VIEW
BOTTOM VIEW
SIDE VIEW
RECOMMENDED LAND PATTERN
Symbols
A
A1
A3
b
D
D1
D2
D3
D4
E
E1
e
L
L1
L2
L3
L4
aaa
bbb
ccc
ddd
eee
Dimensions in millimeters
Min.
0.70
0.00
0.30
3.95
1.58
1.22
3.95
2.20
0.50
—
0.28
Nom.
0.75
0.02
0.203 REF
0.35
4.00
1.68
1.32
0.3 REF
0.3 REF
4.00
2.30
0.65 BSC
0.55
0.02
0.38
0.85 REF
0.30 REF
0.15
0.10
0.10
0.08
0.05
Max.
0.80
0.05
0.40
4.05
1.78
1.42
4.05
2.40
0.60
0.12
0.48
Symbols
A
A1
A3
b
D
D1
D2
D3
D4
E
E1
e
L
L1
L2
L3
L4
aaa
bbb
ccc
ddd
eee
Dimensions in inches
Min.
0.028
0.000
0.012
0.156
0.062
0.048
0.156
0.087
0.020
—
0.011
Nom.
0.030
0.001
0.008 REF
0.014
0.157
0.066
0.052
0.012 REF
0.012 REF
0.157
0.091
0.026 BSC
0.022
0.001
0.015
0.033 REF
0.012 REF
0.006
0.004
0.004
0.003
0.002
Max.
0.031
0.002
0.016
0.159
0.070
0.056
0.159
0.094
0.024
0.005
0.019
D3
D4



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com