Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

INA231AIYFFR Datasheet(PDF) 18 Page - Texas Instruments

Click here to check the latest version.
Part # INA231AIYFFR
Description  High- or Low-Side Measurement, Bidirectional CURRENT/POWER MONITOR with 1.8-V I2C??Interface
PDF  32 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

INA231AIYFFR Datasheet(HTML) 18 Page - Texas Instruments

Back Button INA231AIYFFR Datasheet HTML 14Page - Texas Instruments INA231AIYFFR Datasheet HTML 15Page - Texas Instruments INA231AIYFFR Datasheet HTML 16Page - Texas Instruments INA231AIYFFR Datasheet HTML 17Page - Texas Instruments INA231AIYFFR Datasheet HTML 18Page - Texas Instruments INA231AIYFFR Datasheet HTML 19Page - Texas Instruments INA231AIYFFR Datasheet HTML 20Page - Texas Instruments INA231AIYFFR Datasheet HTML 21Page - Texas Instruments INA231AIYFFR Datasheet HTML 22Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 18 / 32 page
background image
INA231
SBOS644 – FEBRUARY 2013
www.ti.com
Simple Current Shunt Monitor Usage
(No Programming Necessary)
The INA231 does not require programming to read a shunt voltage drop and the bus voltage when using the
default power-on reset configuration and running continuous conversions of the shunt and bus voltage.
Without programming the INA231 Calibration register, the device is unable to provide either a valid current or
power value because these outputs are both derived using the values loaded into the Calibration register.
Default INA231 Settings
The default power-up states of the registers are shown in the Register Details section of this data sheet. These
registers are volatile, and if programmed to a value other than the default values shown in Table 2, they must be
reprogrammed at every device power-up. Detailed information on programming the Calibration register is given in
the Configure/Measure/Calculate Example section and calculated based on Equation 1.
REGISTER INFORMATION
The INA231 uses a bank of registers for holding configuration settings, measurement results, minimum/maximum
limits, and status information. Table 2 summarizes the INA231 registers; refer to Figure 1 for an illustration of the
registers.
Table 2. Summary of Register Set
POINTER
ADDRESS
POWER-ON RESET
HEX
REGISTER NAME
FUNCTION
BINARY
HEX
TYPE(1)
This register resets all registers and
controls shunt voltage and bus voltage,
00
Configuration
01000001 00100111
4127
R/W
ADC conversion times and averaging,
as well as the device operating mode.
01
Shunt Voltage
Shunt voltage measurement data
00000000 00000000
0000
R
02
Bus Voltage
Bus voltage measurement data
00000000 00000000
0000
R
This register contains the value of the
03
Power(2)
calculated power being delivered to the
00000000 00000000
0000
R
load.
This register contains the value of the
04
Current(2)
calculated current flowing through the
00000000 00000000
0000
R
shunt resistor.
This register sets the full-scale range
and LSB of the current and power
05
Calibration
00000000 00000000
0000
R/W
measurements. This register sets the
overall system calibration.
This register sets the alert configuration
06
Mask/Enable
00000000 00000000
0000
R/W
and conversion ready flag.
This register contains the limit value to
07
Alert Limit
00000000 00000000
0000
R/W
compare to the selected alert function.
(1)
Type: R = read-only, R/W = read/write.
(2)
The Current register defaults to '0' because the Calibration register defaults to '0', yielding a zero current and power value until the
Calibration register is programmed.
18
Submit Documentation Feedback
Copyright © 2013, Texas Instruments Incorporated
Product Folder Links: INA231



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com