Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

INA231AIYFFR Datasheet(PDF) 3 Page - Texas Instruments

Click here to check the latest version.
Part # INA231AIYFFR
Description  High- or Low-Side Measurement, Bidirectional CURRENT/POWER MONITOR with 1.8-V I2C??Interface
PDF  32 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

INA231AIYFFR Datasheet(HTML) 3 Page - Texas Instruments

  INA231AIYFFR Datasheet HTML 1Page - Texas Instruments INA231AIYFFR Datasheet HTML 2Page - Texas Instruments INA231AIYFFR Datasheet HTML 3Page - Texas Instruments INA231AIYFFR Datasheet HTML 4Page - Texas Instruments INA231AIYFFR Datasheet HTML 5Page - Texas Instruments INA231AIYFFR Datasheet HTML 6Page - Texas Instruments INA231AIYFFR Datasheet HTML 7Page - Texas Instruments INA231AIYFFR Datasheet HTML 8Page - Texas Instruments INA231AIYFFR Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 32 page
background image
INA231
www.ti.com
SBOS644 – FEBRUARY 2013
ELECTRICAL CHARACTERISTICS
At TA = +25°C, VS = +3.3 V, VIN+ = 12 V, VSENSE = (VIN+ – VIN–) = 0 mV, and VBUS = 12 V, unless otherwise noted.
INA231
PARAMETER
CONDITIONS
MIN
TYP
MAX
UNIT
SHUNT INPUT
Shunt voltage input range
-81.92
81.9175
mV
CMR
Common-mode rejection
VIN+ = 0 V to +28 V
100
120
dB
±10
±50
μV
VOS
Shunt offset voltage, RTI(1)
TA = –40°C to +125°C
0.1
0.5
μV/°C
PSRR
vs power supply
VS = +2.7 V to +5.5 V
10
μV/V
BUS INPUT
Bus voltage input range(2)
0
28
V
±5
±30
mV
VOS
Bus offset voltage, RTI(1)
TA = –40°C to +125°C
10
40
μV/°C
PSRR
vs power supply
2
mV/V
BUS pin input impedance
830
k
Ω
INPUT
IIN+, IIN-
Input bias current
10
μA
Input leakage(3)
(VIN+) + (VIN–), Power-Down mode
0.1
0.5
μA
DC ACCURACY
ADC native resolution
16
Bits
Shunt voltage
2.5
μV
1 LSB step size
Bus voltage
1.25
mV
0.2
0.5
%
Shunt voltage gain error
TA = –40°C to +125°C
10
50
ppm/°C
0.2
0.5
%
Bus voltage gain error
TA = –40°C to +125°C
10
50
ppm/°C
Differential nonlinearity
±0.1
LSB
CT bit = 000
140
154
μs
CT bit = 001
204
224
μs
CT bit = 010
332
365
μs
CT bit = 011
588
646
μs
ADC conversion time
CT bit = 100
1.1
1.21
ms
CT bit = 101
2.116
2.328
ms
CT bit = 110
4.156
4.572
ms
CT bit = 111
8.244
9.068
ms
SMBus
SMBus timeout(4)
28
35
ms
DIGITAL INPUT/OUTPUT
Input capacitance
3
pF
Leakage input current
0
≤ VIN ≤ VS
0.5
2
μA
VIH
High-level input voltage
1.4
6
V
VIL
Low-level input voltage
–0.5
0.4
V
VOL
Low-level output voltage (SDA, ALERT) IOL = 3 mA
0
0.4
V
Hysteresis
500
mV
(1)
RTI = Referred-to-input.
(2)
Although the input range is 28 V, the full-scale range of the ADC scaling is 40.96 V. Do not apply more than 28 V. See the Basic
Analog-to-Digital Converter (ADC) Functions section for more details
(3)
Input leakage is positive (current flowing into the pin) for the conditions shown at the top of this table. Negative leakage currents can
occur under different input conditions.
(4)
SMBus timeout in the INA231 resets the interface any time SCL is low for more than 28 ms.
Copyright © 2013, Texas Instruments Incorporated
Submit Documentation Feedback
3
Product Folder Links: INA231



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com