Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

INA231AIYFFR Datasheet(PDF) 24 Page - Texas Instruments

Click here to check the latest version.
Part # INA231AIYFFR
Description  High- or Low-Side Measurement, Bidirectional CURRENT/POWER MONITOR with 1.8-V I2C??Interface
PDF  32 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

INA231AIYFFR Datasheet(HTML) 24 Page - Texas Instruments

Back Button INA231AIYFFR Datasheet HTML 20Page - Texas Instruments INA231AIYFFR Datasheet HTML 21Page - Texas Instruments INA231AIYFFR Datasheet HTML 22Page - Texas Instruments INA231AIYFFR Datasheet HTML 23Page - Texas Instruments INA231AIYFFR Datasheet HTML 24Page - Texas Instruments INA231AIYFFR Datasheet HTML 25Page - Texas Instruments INA231AIYFFR Datasheet HTML 26Page - Texas Instruments INA231AIYFFR Datasheet HTML 27Page - Texas Instruments INA231AIYFFR Datasheet HTML 28Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 24 / 32 page
background image
INA231
SBOS644 – FEBRUARY 2013
www.ti.com
Alert Limit Register (07h, Read/Write)
The Alert Limit register contains the value used to compare to the register selected in the Mask/Enable register
to determine if a limit has been exceeded.
BIT #
D15
D14
D13
D12
D11
D10
D9
D8
D7
D6
D5
D4
D3
D2
D1
D0
BIT
AUL15
AUL14
AUL13
AUL12
AUL11
AUL10
AUL9
AUL8
AUL7
AUL6
AUL5
AUL4
AUL3
AUL2
AUL1
AUL0
NAME
POR
0
0
0
0
0
0
0
0
0
0
0
0
0
0
0
0
VALUE
BUS OVERVIEW
The INA231 offers compatibility with both I2C and SMBus interfaces. The I2C and SMBus protocols are
essentially compatible with one another.
The I2C interface is used throughout this data sheet as the primary example, with SMBus protocol specified only
when a difference between the two systems is discussed. Two bidirectional lines, SCL and SDA, connect the
INA231 to the bus. Both SCL and SDA are open-drain connections.
The device that initiates a data transfer is called a master, and the devices controlled by the master are slaves.
The bus must be controlled by a master device that generates the serial clock (SCL), controls the bus access,
and generates start and stop conditions.
To address a specific device, the master initiates a start condition by pulling the data signal line (SDA) from a
high to a low logic level while SCL is high. All slaves on the bus shift in the slave address byte on the rising edge
of SCL, with the last bit indicating whether a read or write operation is intended. During the ninth clock pulse, the
slave being addressed responds to the master by generating an Acknowledge bit (ACK) and pulling SDA low.
Data transfer is then initiated and eight bits of data are sent, followed by an ACK. During data transfer, SDA must
remain stable while SCL is high. Any change in SDA while SCL is high is interpreted as a start or stop condition.
After all data have been transferred, the master generates a stop condition indicated by pulling SDA from low to
high while SCL is high. The INA231 includes a 28-ms timeout on its interface to prevent locking up the bus.
24
Submit Documentation Feedback
Copyright © 2013, Texas Instruments Incorporated
Product Folder Links: INA231



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com