Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

INA231AIYFFR Datasheet(PDF) 28 Page - Texas Instruments

Click here to check the latest version.
Part # INA231AIYFFR
Description  High- or Low-Side Measurement, Bidirectional CURRENT/POWER MONITOR with 1.8-V I2C??Interface
PDF  32 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

INA231AIYFFR Datasheet(HTML) 28 Page - Texas Instruments

Back Button INA231AIYFFR Datasheet HTML 24Page - Texas Instruments INA231AIYFFR Datasheet HTML 25Page - Texas Instruments INA231AIYFFR Datasheet HTML 26Page - Texas Instruments INA231AIYFFR Datasheet HTML 27Page - Texas Instruments INA231AIYFFR Datasheet HTML 28Page - Texas Instruments INA231AIYFFR Datasheet HTML 29Page - Texas Instruments INA231AIYFFR Datasheet HTML 30Page - Texas Instruments INA231AIYFFR Datasheet HTML 31Page - Texas Instruments INA231AIYFFR Datasheet HTML 32Page - Texas Instruments  
Zoom Inzoom in Zoom Outzoom out
 28 / 32 page
background image
SCL
SDA
t
(LOW)
t
R
t
F
t
(HDSTA)
t
(HDSTA)
t
(HDDAT)
t
(SUDAT)
t
(HIGH)
t
(SUSTA)
t
(SUSTO)
t
(BUF)
S
S
P
P
INA231
SBOS644 – FEBRUARY 2013
www.ti.com
High-Speed I2C Mode
When the bus is idle, both the SDA and SCL lines are pulled high by the pull-up devices. The master generates
a start condition followed by a valid serial byte containing High-Speed (HS) master code 00001XXX. This
transmission is made in fast (400 kHz) or standard (100 kHz) (F/S) mode at no more than 400 kHz. The INA231
does not acknowledge the HS master code, but does recognize it and switches its internal filters to support 2.5-
MHz operation.
The master then generates a repeated start condition (a repeated start condition has the same timing as the start
condition). After this repeated start condition, the protocol is the same as F/S mode except that transmission
speeds up to 2.5 MHz are allowed. Instead of using a stop condition, use repeated start conditions to secure the
bus in HS-mode. A stop condition ends the HS-mode and switches all the internal filters of the INA231 to support
the F/S mode. A bus timing diagram is shown in Figure 28.
Figure 28. Bus Timing Diagram
Bus Timing Diagram Definitions
FAST MODE
HIGH-SPEED MODE
PARAMETER
MIN
MAX
MIN
MAX
UNITS
SCL operating frequency
f(SCL)
0.001
0.4
0.001
2.5
MHz
Bus free time between stop and start
t(BUF)
600
260
ns
conditions
Hold time after repeated START condition.
t(HDSTA)
100
100
ns
After this period, the first clock is generated.
Repeated start condition setup time
t(SUSTA)
100
100
ns
STOP condition setup time
t(SUSTO)
100
100
ns
Data hold time, VS ≤ 3.3V
t(HDDAT)
0
0
130
ns
Data hold time, VS > 3.3V
t(HDDAT)
10
10
130
ns
Data setup time
t(SUDAT)
100
50
ns
SCL clock low period
t(LOW)
1300
260
ns
SCL clock high period
t(HIGH)
600
60
ns
Data fall time
tF
300
80
ns
Data rise time
tR
300
80
ns
Clock fall time
tF
300
40
ns
Clock rise time
tR
300
40
ns
Clock/data rise time for SCLK
≤ 100 kHz
tR
1000
ns
28
Submit Documentation Feedback
Copyright © 2013, Texas Instruments Incorporated
Product Folder Links: INA231



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com