Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

INA231AIYFFR Datasheet(PDF) 25 Page - Texas Instruments

Click here to check the latest version.
Part # INA231AIYFFR
Description  High- or Low-Side Measurement, Bidirectional CURRENT/POWER MONITOR with 1.8-V I2C??Interface
PDF  32 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

INA231AIYFFR Datasheet(HTML) 25 Page - Texas Instruments

Back Button INA231AIYFFR Datasheet HTML 21Page - Texas Instruments INA231AIYFFR Datasheet HTML 22Page - Texas Instruments INA231AIYFFR Datasheet HTML 23Page - Texas Instruments INA231AIYFFR Datasheet HTML 24Page - Texas Instruments INA231AIYFFR Datasheet HTML 25Page - Texas Instruments INA231AIYFFR Datasheet HTML 26Page - Texas Instruments INA231AIYFFR Datasheet HTML 27Page - Texas Instruments INA231AIYFFR Datasheet HTML 28Page - Texas Instruments INA231AIYFFR Datasheet HTML 29Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 25 / 32 page
background image
INA231
www.ti.com
SBOS644 – FEBRUARY 2013
Serial Bus Address
In order to communicate with the INA231, the master must first address slave devices using a corresponding
slave address byte. The slave address byte consists of seven address bits and a direction bit that indicates
whether the action is to be a read or write operation.
The INA231 has two address pins: A0 and A1. Table 7 describes the pin logic levels for each of the 16 possible
addresses. The state of pins A0 and A1 is sampled on every bus communication. Set these pins before any
activity on the interface occurs.
Table 7. INA231 Address Pins and
Slave Addresses
A1
A0
SLAVE ADDRESS
GND
GND
1000000
GND
VS
1000001
GND
SDA
1000010
GND
SCL
1000011
VS
GND
1000100
VS
VS
1000101
VS
SDA
1000110
VS
SCL
1000111
SDA
GND
1001000
SDA
VS
1001001
SDA
SDA
1001010
SDA
SCL
1001011
SCL
GND
1001100
SCL
VS
1001101
SCL
SDA
1001110
SCL
SCL
1001111
Serial Interface
The INA231 operates only as a slave device on both the I2C bus and the SMBus. Connections to the bus are
made through the open-drain I/O lines, SDA and SCL. The SDA and SCL pins feature integrated spike-
suppression filters and Schmitt triggers to minimize the effects of input spikes and bus noise. Although there is
spike suppression integrated into the digital I/O lines, use proper layout to minimize the amount of coupling into
the communication lines. This noise introduction could occur from capacitively coupling signal edges between the
two communication lines themselves or from other switching noise sources present in the system. Routing traces
in parallel with ground in between layers on a printed circuit board (PCB) typically reduces the effects of coupling
between the communication lines. Shielding communication lines in general is recommended to reduce to
possibility of unintended noise coupling into the digital I/O lines that could be incorrectly interpreted as start or
stop commands.
The INA231 supports the transmission protocol for Fast (1 kHz to 400 kHz) and High-speed (1 kHz to 2.5 MHz)
modes. All data bytes are transmitted most significant byte first.
Copyright © 2013, Texas Instruments Incorporated
Submit Documentation Feedback
25
Product Folder Links: INA231



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com