Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

INA231AIYFFR Datasheet(PDF) 20 Page - Texas Instruments

Click here to check the latest version.
Part # INA231AIYFFR
Description  High- or Low-Side Measurement, Bidirectional CURRENT/POWER MONITOR with 1.8-V I2C??Interface
PDF  32 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

INA231AIYFFR Datasheet(HTML) 20 Page - Texas Instruments

Back Button INA231AIYFFR Datasheet HTML 16Page - Texas Instruments INA231AIYFFR Datasheet HTML 17Page - Texas Instruments INA231AIYFFR Datasheet HTML 18Page - Texas Instruments INA231AIYFFR Datasheet HTML 19Page - Texas Instruments INA231AIYFFR Datasheet HTML 20Page - Texas Instruments INA231AIYFFR Datasheet HTML 21Page - Texas Instruments INA231AIYFFR Datasheet HTML 22Page - Texas Instruments INA231AIYFFR Datasheet HTML 23Page - Texas Instruments INA231AIYFFR Datasheet HTML 24Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 20 / 32 page
background image
INA231
SBOS644 – FEBRUARY 2013
www.ti.com
VBUS CT:
Bus Voltage Conversion Time
Bits 6–8
These bits set the conversion time for the bus voltage measurement. Table 4 shows the VBUS CT bit options and
related conversion times for each bit.
Table 4. VBUS CT Bit Settings [8:6]
(1)
VBUS CT2
VBUS CT1
VBUS CT0
(D8)
(D7)
(D6)
CONVERSION TIME
0
0
0
140 µs
0
0
1
204 µs
0
1
0
332 µs
0
1
1
588 µs
1
0
0
1.1 ms
1
0
1
2.116 ms
1
1
0
4.156 ms
1
1
1
8.244 ms
(1)
Shaded values are default.
VSH CT:
Shunt Voltage Conversion Time
Bits 3–5
These bits set the conversion time for the shunt voltage measurement. Table 5 shows the VSH CT bit options and
related conversion times for each bit.
Table 5. VSH CT Bit Settings [5:3]
(1)
VSH CT2
VSH CT1
VSH CT0
(D5)
(D4)
(D3)
CONVERSION TIME
0
0
0
140 µs
0
0
1
204 µs
0
1
0
332 µs
0
1
1
588 µs
1
0
0
1.1 ms
1
0
1
2.116 ms
1
1
0
4.156 ms
1
1
1
8.244 ms
(1)
Shaded values are default.
MODE:
Operating Mode
Bits 0–2
These bits select continuous, triggered, or power-down mode of operation. These bits default to continuous shunt
and bus measurement mode. The mode settings are shown in Table 6.
Table 6. Mode Settings [2:0](1)
MODE3
MODE2
MODE1
(D2)
(D1)
(D0)
MODE
0
0
0
Power-down
0
0
1
Shunt voltage, triggered
0
1
0
Bus voltage, triggered
0
1
1
Shunt and bus, triggered
1
0
0
Power-down
1
0
1
Shunt voltage, continuous
1
1
0
Bus voltage, continuous
1
1
1
Shunt and bus, continuous
(1)
Shaded values are default.
20
Submit Documentation Feedback
Copyright © 2013, Texas Instruments Incorporated
Product Folder Links: INA231



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com