Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

INA231AIYFFR Datasheet(PDF) 2 Page - Texas Instruments

Click here to check the latest version.
Part # INA231AIYFFR
Description  High- or Low-Side Measurement, Bidirectional CURRENT/POWER MONITOR with 1.8-V I2C??Interface
PDF  32 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

INA231AIYFFR Datasheet(HTML) 2 Page - Texas Instruments

  INA231AIYFFR Datasheet HTML 1Page - Texas Instruments INA231AIYFFR Datasheet HTML 2Page - Texas Instruments INA231AIYFFR Datasheet HTML 3Page - Texas Instruments INA231AIYFFR Datasheet HTML 4Page - Texas Instruments INA231AIYFFR Datasheet HTML 5Page - Texas Instruments INA231AIYFFR Datasheet HTML 6Page - Texas Instruments INA231AIYFFR Datasheet HTML 7Page - Texas Instruments INA231AIYFFR Datasheet HTML 8Page - Texas Instruments INA231AIYFFR Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 32 page
background image
INA231
SBOS644 – FEBRUARY 2013
www.ti.com
This integrated circuit can be damaged by ESD. Texas Instruments recommends that all integrated circuits be handled with
appropriate precautions. Failure to observe proper handling and installation procedures can cause damage.
ESD damage can range from subtle performance degradation to complete device failure. Precision integrated circuits may be more
susceptible to damage because very small parametric changes could cause the device not to meet its published specifications.
PACKAGE INFORMATION(1)
PRODUCT
PACKAGE-LEAD
PACKAGE DESIGNATOR
PACKAGE MARKING
INA231
WCSP-12
YFF
INA231
(1)
For the most current package and ordering information see the Package Option Addendum at the end of this document, or see the
INA231 product folder at www.ti.com.
ABSOLUTE MAXIMUM RATINGS
(1)
Over operating free-air temperature range (unless otherwise noted).
INA231
UNIT
Supply voltage, VS
6
V
Differential (VIN+) – (VIN–)
(2)
–30 to +30
V
Analog inputs, IN+, IN–
Common-mode
–0.3 to +30
V
SDA
GND – 0.3 to +6
V
SCL
GND – 0.3 to VS + 0.3
V
Input current into any pin
5
mA
Open-drain digital output current
10
mA
Storage temperature
–65 to +150
°C
Junction temperature
+150
°C
Human body model (HBM)
2500
V
Electrostatic discharge
Charged-device model (CDM)
1000
V
(ESD) ratings
Machine model (MM)
150
V
(1)
Stresses above these ratings may cause permanent damage. Exposure to absolute maximum conditions for extended periods may
degrade device reliability. These are stress ratings only, and functional operation of the device at these or any other conditions beyond
those specified is not implied.
(2)
VIN+ and VIN– may have a differential voltage of –30 V to +30 V; however, the voltage at these pins must not exceed the range –0.3 V to
+30 V.
2
Submit Documentation Feedback
Copyright © 2013, Texas Instruments Incorporated
Product Folder Links: INA231



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com