Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

SSM2000 Datasheet(PDF) 5 Page - Analog Devices

Part # SSM2000
Description  HUSH Stereo Noise Reduction System with Adaptive Threshold
PDF  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

SSM2000 Datasheet(HTML) 5 Page - Analog Devices

  SSM2000 Datasheet HTML 1Page - Analog Devices SSM2000 Datasheet HTML 2Page - Analog Devices SSM2000 Datasheet HTML 3Page - Analog Devices SSM2000 Datasheet HTML 4Page - Analog Devices SSM2000 Datasheet HTML 5Page - Analog Devices SSM2000 Datasheet HTML 6Page - Analog Devices SSM2000 Datasheet HTML 7Page - Analog Devices SSM2000 Datasheet HTML 8Page - Analog Devices SSM2000 Datasheet HTML 9Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 16 page
background image
INPUT SIGNAL – Vrms
10
1
0.01
0.01
2
0.1
1
0.1
TA = +25°C
VS = ± 4.25V (Pin 5, 20)
DEF THRESHOLD = 0V (Pin 14)
DEFEAT = ON (Pin 16)
MUTE = OFF (Pin 17)
RL = 100kΩ
BOTH CHANNELS
Figure 6. THD+N (%) vs. Input Signal
FREQUENCY – Hz
1
0.1
0.001
20
30k
100
1k
10k
0.01
TA = +25°C
VS = ± 4.25V (Pin 5, 20)
VIN = 300mVrms SINE WAVE (Pin 1, 2)
DEF THRESHOLD = 0V (Pin 14)
DEFEAT = ON (Pin 16)
MUTE = OFF (Pin 17)
RL = 100kΩ
BOTH CHANNELS
Figure 7. THD+N (%) vs. Frequency
FREQUENCY – Hz
6
4
–12
20
200k
100
1k
10k
100k
2
0
–8
–2
–4
–6
–10
TA = +25°C
VS = ± 4.25V (Pin 5, 20)
VIN = 300mVrms SINE WAVE (Pin 1, 2)
DEF THRESHOLD = 0V (Pin 14)
DEFEAT = ON (Pin 16)
MUTE = OFF (Pin 17)
RL = 100kΩ
BOTH CHANNELS
Figure 8. –3 dB Bandwidth
INPUT SIGNAL – dBu
@ 1kHz
0
–100
–70
0
–60
–50
–40
–30
–20
–10
–10
–60
–70
–80
–90
–30
–50
–20
–40
VTH = 0V
VTH = –1.2V
VTH = –2.0V
TA = +25°C
VS = ± 4.25V (Pin 5, 20)
DEF THRESHOLD = 0V (Pin 14)
DEFEAT = OFF (Pin 16)
MUTE = OFF (Pin 17)
RL = 100kΩ
0dBu = 0.775mVrms
Figure 9. Output vs. Input Characteristics (With Different
Adaptive Threshold Voltage, Pin 17)
VCA CONTROL VOLTAGE (Pin 7) – V
10
–90
–1
3
–0.5
0
0.5
1
1.5
2
2.5
0
–30
–50
–70
–80
–10
–20
–40
–60
TA = +25°C
VS = ± 4.25V (Pin 5, 20)
VIN = 300mVrms SINE WAVE (Pin 1, 2)
DEF THRESHOLD = 0V (Pin 14)
DEFEAT = OFF (Pin 16)
MUTE = OFF (Pin 17)
RL = 100kΩ
BOTH CHANNELS
Figure 10a. Channel Output vs. VCA Control Voltage (Pin 7)
FREQUENCY – Hz
20
80k
100
1k
10k
3.00
0.7
–20.0
–1.6
–3.9
–6.2
–8.5
–10.8
–13.1
–15.4
–17.7
TA = +25°C
VS = ± 4.25V (Pin 5, 20)
VIN = 300mVrms SINE WAVE (Pin 1, 2)
DEF THRESHOLD = 0V (Pin 14)
DEFEAT = OFF (Pin 16)
MUTE = OFF (Pin 17)
RL = 100kΩ
100 – 2kHz MIN BW
4kHz
6kHz
8kHz
20kHz
40kHz
50kHz
Figure 10b. VFC Characteristics (Simulated Noise Level
90 mV rms with Different Frequency) Applied through a
3-Pole HP filter
Typical Performance Characteristics–SSM2000
–5–
REV. 0



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com