Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

SSM2000 Datasheet(PDF) 16 Page - Analog Devices

Part # SSM2000
Description  HUSH Stereo Noise Reduction System with Adaptive Threshold
PDF  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

SSM2000 Datasheet(HTML) 16 Page - Analog Devices

Back Button SSM2000 Datasheet HTML 8Page - Analog Devices SSM2000 Datasheet HTML 9Page - Analog Devices SSM2000 Datasheet HTML 10Page - Analog Devices SSM2000 Datasheet HTML 11Page - Analog Devices SSM2000 Datasheet HTML 12Page - Analog Devices SSM2000 Datasheet HTML 13Page - Analog Devices SSM2000 Datasheet HTML 14Page - Analog Devices SSM2000 Datasheet HTML 15Page - Analog Devices SSM2000 Datasheet HTML 16Page - Analog Devices  
Zoom Inzoom in Zoom Outzoom out
 16 / 16 page
background image
SSM2000
REV. 0
–16–
VCF—minimum bandwidth) to their fully open positions. If
the VCA and VCF are fully opened then at least 1.5 seconds of
no signal is required for the VCA and VCF detectors to return
to the closed position. A series of 10 kHz pulses interspersed
with 1.5 seconds of no signal will accomplish this requirement.
The system’s attack and release times will be dominated by
VCA since the attack and release times of the VCA are slower
than the VCF’s. In addition, monitoring Pins 11 (VCF) and 12
(VCA) will ensure that the VCA and VCF are either fully
opened or fully closed.
As stated before, the most common cause of a failure to reduce
noise is fixed-frequency tones that are being detected by the
output. A solution for this condition is detailed in the “Precau-
tions, Limitations, and Observations” section.
In single-supply applications, ACOM should be driven with a
well regulated reference capable of both sinking and souring
current. Zener-resistor references are unacceptable, because of
their inability to sink significant amounts of current.
By following these simple suggestions, the common pitfalls to a
successful implementation of the HUSH noise reduction system
can be avoided.
OUTLINE DIMENSIONS
Dimensions shown in inches and (mm).
24-Pin Plastic DIP
(N-24)
24
112
13
0.280 (7.11)
0.240 (6.10)
PIN 1
1.275 (32.30)
1.125 (28.60)
0.150
(3.81)
MIN
0.200 (5.05)
0.125 (3.18)
SEATING
PLANE
0.022 (0.558)
0.014 (0.356)
0.060 (1.52)
0.015 (0.38)
0.210
(5.33)
MAX
0.070 (1.77)
0.045 (1.15)
0.100 (2.54)
BSC
0.325 (8.25)
0.300 (7.62)
0.015 (0.381)
0.008 (0.204)
0.195 (4.95)
0.115 (2.93)
24 Pin SOIC
(SOL-24)
24
13
12
1
0.6141 (15.60)
0.5985 (15.20)
PIN 1
SEATING
PLANE
0.0118 (0.30)
0.0040 (0.10)
0.0192 (0.49)
0.0138 (0.35)
0.1043 (2.65)
0.0926 (2.35)
0.0500
(1.27)
BSC
0.0125 (0.32)
0.0091 (0.23)
0.0500 (1.27)
0.0157 (0.40)
8
°
0
°
0.0291 (0.74)
0.0098 (0.25)
x 45
°
promotional and descriptive literature. Rocktron Corp. reserves the right to
approve use of the HUSH logo and may require submission of a schematic
illustrating the use of the SSM2000; a physical sample of the end product may
also be required. Applications for approval of the use of the HUSH name and
logo may be obtained by contacting ADI.
IMPORTANT NOTICE—LICENSING
The SSM2000 is manufactured under a license granted to Analog Devices,
Inc., by Rocktron Corp. and embodies technology covered by the following
patents: 4696044, 4893099, 5124657, 5263091, 5402498, and 5493617. For-
eign patents are pending. Rocktron Corp. grants a royalty-free license to
purchasers of the SSM2000 for use in end equipment, and no further rights
are implied. The use of the HUSH logo is encouraged on products, packaging,



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com