Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

SSM2000 Datasheet(PDF) 15 Page - Analog Devices

Part # SSM2000
Description  HUSH Stereo Noise Reduction System with Adaptive Threshold
PDF  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

SSM2000 Datasheet(HTML) 15 Page - Analog Devices

Back Button SSM2000 Datasheet HTML 8Page - Analog Devices SSM2000 Datasheet HTML 9Page - Analog Devices SSM2000 Datasheet HTML 10Page - Analog Devices SSM2000 Datasheet HTML 11Page - Analog Devices SSM2000 Datasheet HTML 12Page - Analog Devices SSM2000 Datasheet HTML 13Page - Analog Devices SSM2000 Datasheet HTML 14Page - Analog Devices SSM2000 Datasheet HTML 15Page - Analog Devices SSM2000 Datasheet HTML 16Page - Analog Devices  
Zoom Inzoom in Zoom Outzoom out
 15 / 16 page
background image
SSM2000
REV. 0
–15–
R
2
1k
Ω
2.2µF
SSM2000
8
R
1/2
OP275
R
R = 100k
Ω
C = 100pF
10k
Ω
2
3
1
C
2C
C
9
1k
Ω
VCF
DETECTOR
INPUT
SUM OUT
VCA
DETECTOR
INPUT
10
2.2nF
22nF
510
Ω
fc =
1
2
πRC
22nF
Figure 34. A Hi-Q Twin-T Notch Filter with the Center
Frequency at 15.625 kHz
2.2µF
SSM2000
8
1k
Ω
1/2
OP275
1k
Ω
2
3
1
C
0.033µF
0.022µF
9
1k
Ω
VCF
DETECTOR
INPUT
SUM OUT
VCA
DETECTOR
INPUT
10
2.2nF
22nF
510
Ω
0.056µF
1k
Ω
22nF
Figure 35. A Three-Pole Butterworth Filter
Channel-to-Channel Separation
The SSM2000 has a 60 dB of channel separation specification
at 1 kHz. As shown in Figure 36, the Left input to the R VCF
node and the Right input to the L VCF node are tied together
with 50 k
Ω of resistance, and tied to ground with 2.5 kΩ. If the
Left and Right ac coupling capacitors were not present this
would results in a dc separation of around –27 dB. However,
the inputs of the SSM2000 are usually ac coupled; therefore the
low frequency channel separation is a function of the value of
the ac coupling capacitors and the theoretical dc separation.
The higher the value of the ac coupling capacitor, the better the
channel separation will be. For example, using 10
µF ac cou-
pling capacitors will result in 32 dB of channel separation at
around 6 Hz–8 Hz, improving at a rate of 20 dB/decade, till it
reaches a maximum –60 dB. Therefore, to achieve 60 dB of
channel separation at 75 Hz and above, 47
µF capacitors are
recommended.
6.8µF
L
R
2.5k
Ω
470pF
TO L VCF
10k
Ω
6.8µF
20k
Ω
20k
Ω
TO R VCF
TO DETECTORS
10k
Ω
2.5k
Ω
Figure 36. The SSM2000’s Input Impedance Network
EVALUATING THE SSM2000
Because the SSM2000 is a dynamic system, it will respond to
test signals that are applied during the evaluation procedures.
Without thorough understanding of how the HUSH noise
reduction system works, attempts to apply standard test proce-
dures can produce misleading results. The following paragraphs
will present evaluation techniques to avoid many of these com-
mon evaluation pitfalls.
The SSM2000 has been designed as a stereo system. As a result
the input to the detector circuits is the sum of both the left and
right inputs. Monaural signals that used during evaluation
should be applied to both inputs, because the detectors’ input
requires both the left and right signal. Otherwise, the control
levels from the VCA detector, VCF detector, and the Adaptive
Noise Threshold will be about one-half the necessary amplitude
for proper evaluation results.
The SSM2000 has exceptional tolerance for varying line levels
with noise reducing capability between line levels of 100 mV
rms to 1 V rms. However, the IC has been optimized for an in-
dustry standard input line level of 300 mV rms. Audio line lev-
els not equal to 300 mV rms will exhibit slightly degraded
specifications (e.g., distortion). If the line levels are outside of
the 100 mV rms to 1 V rms range, then audio output may appear
to have no noise reduction or to be muted. The circuit shown
in Figure 32 will enable noise reduction for very low line level
audio.
THD measurement instruments typically sweep a sine wave
across the audio spectrum. The normal SSM2000 response to
this type of signal results in the automatic noise threshold detec-
tor slowly rising to its maximum value; the VCA detector at
maximum value, the VCF detector will initially be closed at low
frequencies and will gradually open as the frequency is in-
creased. When the testing signal reaches about 500 Hz, it will
begin to be attenuated by the “closed” VCF. This attenuation
will reach at maximum of about 1 dB at 660 Hz for recom-
mended line levels, at which point the VCF detector begins to
open up. However, all these conditions and characteristics are
not representative of a normal music signal. To properly mea-
sure THD, it is necessary to activate HUSH Defeat. THD
measurements in DEFEAT mode give accurate results because
it does not remove the VCA and VCF from the signal chain,
rather it sets there values to unity (VCA) and maximum fre-
quency (VCF).
The bandwidth of the SSM2000, as stated before, is limited to
35 kHz because of the VCF capacitors. This bandwidth limita-
tion must be taken into account when the slew rate of the
SSM2000 is measured. The simplest method to measure slew
rate is to remove the VCF capacitors from the circuit, and take
the slew rate measurement while in DEFEAT mode. If the
VCF capacitors are not removed, then the audio signal is limited
by the VCF’s bandwidth and not by the overall slew rate.
One standard of the SSM2000’s audio quality is the characteris-
tics of the attack and release times of the VCA and VCF. The
attack and release times of the VCA and VCF are controlled by
1.1
µA current sources which charge the VCA Time Constant
capacitor and VCF Time Constant capacitor. The attack and
released times are typically measured from the VCA’s and
VCF’s fully closed position (e.g., VCA—maximum attenuation,



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com