Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

SSM2000 Datasheet(PDF) 3 Page - Analog Devices

Part # SSM2000
Description  HUSH Stereo Noise Reduction System with Adaptive Threshold
PDF  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

SSM2000 Datasheet(HTML) 3 Page - Analog Devices

  SSM2000 Datasheet HTML 1Page - Analog Devices SSM2000 Datasheet HTML 2Page - Analog Devices SSM2000 Datasheet HTML 3Page - Analog Devices SSM2000 Datasheet HTML 4Page - Analog Devices SSM2000 Datasheet HTML 5Page - Analog Devices SSM2000 Datasheet HTML 6Page - Analog Devices SSM2000 Datasheet HTML 7Page - Analog Devices SSM2000 Datasheet HTML 8Page - Analog Devices SSM2000 Datasheet HTML 9Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 16 page
background image
SSM2000
REV. 0
–3–
PIN DESCRIPTION
Pin #
Name
Function and Explanation
1
L IN
Left Audio Input.
2
R IN
Right Audio Input.
3
L VCF C1
Left VCF Filter Cap Port.
4
L VCF C2
Left VCF Filter Cap Port.
5
V+
Positive Supply.
6
ACOM
Analog Common Voltage. In-
ternal Circuit Ground Point.
Must be held to a voltage ap-
proximately halfway between
V+ and V–. Should be a clean
low impedance voltage source
capable of at least 4 mA, such
as from a buffer driven off a
supply-splitting voltage divider.
7
VCA PORT
Input to VCA Control Port.
Allows external adjustment of
attenuation with a +22 mV/dB
slope. Zero volts relative to
ACOM gives zero additional
attenuation. Should be con-
nected to ACOM if function
not required.
8
VCF DET IN
Input to VCF Detector.
9
SUM OUT
Combined Left Plus Right
Output.
10
VCA DET IN
Input to VCA Detector.
11
VCF DET CAP
Voltage Controlled Filter.
Time Constant Capacitor Port.
12
VCA DET CAP
Voltage Controlled Amplifier.
Time Constant Capacitor Port.
WARNING!
ESD SENSITIVE DEVICE
CAUTION
ESD (electrostatic discharge) sensitive device. Electrostatic charges as high as 4000 V readily
accumulate on the human body and test equipment and can discharge without detection.
Although the SSM2000 features proprietary ESD protection circuitry, permanent damage may
occur on devices subjected to high energy electrostatic discharges. Therefore, proper ESD
precautions are recommended to avoid performance degradation or loss of functionality.
ABSOLUTE MAXIMUM RATINGS
Supply Voltage . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . +18 V
Audio Input Voltage . . . . . . . . . . . . . . . . . . Supply Voltage(s)
Control Port Voltage (Pin 7) . . . . . . . . . . . . . . Positive Supply
Default Override (Pin 14) . . . . . . . . . . . . . . . . . . . . . . . . . V+
Defeat (Pin 16) . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . V+
Mute Override (Pin 17) . . . . . . . . . . . . . . . . . . . . . . . . . . . V+
Operating Temperature Range . . . . . . . . . . . . –40
°C to +85°C
Storage Temperature Range . . . . . . . . . . . . –65
°C to +150°C
Junction Temperature (TJ) . . . . . . . . . . . . . . . . . . . . . +150
°C
Lead Temperature (Soldering, 60 sec) . . . . . . . . . . . . . +300
°C
ESD RATINGS
883 (Human Body) Model . . . . . . . . . . . . . . . . . . . . . . 2.5 kV
EIAJ Model . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . 300 V
ORDERING GUIDE
Temperature
Package
Package
Model
Range
Description
Option
SSM2000P
–40
°C to +85°C 24-Pin Plastic DIP N-24
SSM2000S
–40
°C to +85°C 24-Pin SOIC
SOL-24
PACKAGE INFORMATION
Package Type
JA
1
JC
Units
24-Pin Plastic DIP (P)
54
27
°C/W
24-Pin SOIC (S)
72
24
°C/W
NOTE
1
θ
JA is specified for the worst case conditions, i.e., θJA is specified for device in socket
for P-DIP packages;
θ
JA is specified for device soldered onto a circuit board for
surface mount packages..
Pin #
Name
Function and Explanation
13
NC
Make No Connection to this
Pin.
14
DEFAULT
Default Threshold Adjust-
THRESHOLD
ment Port. Allows reduction
of noise reduction action if
signal source is relatively
clean such as CD sources.
Normally connected to Analog
Common. –1.2 V is recom-
mended for CDs; –2 V com-
pletely defeats noise reduction.
15
AUTO THRESHOLD
CAP
Automatic Threshold Detec-
tor Capacitor Port.
16
DEFEAT
Logic High: Defeats Noise
Reduction.
Logic Low: Normal Action.
Connect to Ground if not used.
17
MUTE
Logic High: Mute.
Logic Low: Normal Action.
Connect to Ground if not used.
18
NC
Make no connection to this
pin.
19
DIGITAL GND
Digital Logic Reference
(Logic Zero).
20
V–
Negative Supply.
21
R VCF C2
Right VCF Capacitor Port.
22
R VCF C1
Right VCF Capacitor Port.
23
R OUT
Right Audio Output.
24
L OUT
Left Audio Output.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com