Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

SSM2000 Datasheet(PDF) 1 Page - Analog Devices

Part # SSM2000
Description  HUSH Stereo Noise Reduction System with Adaptive Threshold
PDF  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

SSM2000 Datasheet(HTML) 1 Page - Analog Devices

  SSM2000 Datasheet HTML 1Page - Analog Devices SSM2000 Datasheet HTML 2Page - Analog Devices SSM2000 Datasheet HTML 3Page - Analog Devices SSM2000 Datasheet HTML 4Page - Analog Devices SSM2000 Datasheet HTML 5Page - Analog Devices SSM2000 Datasheet HTML 6Page - Analog Devices SSM2000 Datasheet HTML 7Page - Analog Devices SSM2000 Datasheet HTML 8Page - Analog Devices SSM2000 Datasheet HTML 9Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 16 page
background image
REV. 0
Information furnished by Analog Devices is believed to be accurate and
reliable. However, no responsibility is assumed by Analog Devices for its
use, nor for any infringements of patents or other rights of third parties
which may result from its use. No license is granted by implication or
otherwise under any patent or patent rights of Analog Devices. (See page 16.)
a
HUSH Stereo Noise Reduction System
with Adaptive Threshold
SSM2000
© Analog Devices, Inc., 1996
One Technology Way, P.O. Box 9106, Norwood, MA 02062-9106, U.S.A.
Tel: 617/329-4700
Fax: 617/326-8703
PIN CONFIGURATION
24-Lead Plastic DIP
24-Lead SOIC
13
16
15
14
24
23
22
21
20
19
18
17
12
11
10
9
8
1
2
3
4
7
6
5
TOP VIEW
(Not to Scale)
NC = NO CONNECT
L IN
R VCF C2
R VCF C1
R OUT
L OUT
R IN
L VCF C1
L VCF C2
NC
DIGITAL GND
V–
V+
ACOM
VCA PORT
VCF DET IN
SUM OUT
VCA DET IN
AUTO THRESHOLD CAP
DEFEAT
MUTE
VCF DET CAP
VCA DET CAP
DEFAULT THRESHOLD
NC
SSM2000
FEATURES
Up to 25 dB of Noise Reduction from Virtually Any
Audio Source without Sonic Artifacts
“Single-Ended” Operation Eliminates Need for Encode-
Decode Process
Adaptive Threshold Dynamically Adjusts to Changing
Nominal Signal Levels
Effectively Decodes Dolby B® Encoded Sources
Direct VCA Control Port Access for Additional Level
Control Functionality
Logic-Controllable Bypass and Muting
100 dB Dynamic Range (Noise Reduction OFF)
0.02% Typical THD+N (@ 1 kHz, Noise Reduction OFF)
+7 V to +18 V Operation
No Royalty Requirements
APPLICATIONS
Auto Radio Sound Processing
Multimedia PC Sound Cards
Television Sound Processing
Cassette Tape Players
AM/FM Receivers
Telephone & Wireless Links
Professional Audio
13
16
15
14
19
18
17
24
23
22
21
20
12
11
10
9
8
1
2
3
4
7
6
5
L IN
R VCF CAP 2
R VCF CAP 1
R OUT
L OUT
R IN
L VCF CAP 1
L VCF CAP 2
DO NOT CONNECT1
DIGITAL GND
V–
V+
ANALOG COMMON (V+/2)
VCA CONTROL PORT
VCF DET IN
SUM OUT
VCA DET IN
AUTO
THRESHOLD CAP
DEFEAT
MUTE
VCF DET TC
VCA DET TC
DEFAULT
THRESHOLD2
1k
Ω
2nF
500
Ω
20nF
3µF
20nF
1.0µF
3.3µF
6.8µF
6.8µF
1nF
0.22µF
DO NOT CONNECT1
NOTES:
1MAKE NO CONNECTION TO PINS 13 AND 18
2DEFAULT THRESHOLD. NORMALLY CONNECTED TO ANALOG COMMON
1nF
SSM2000
Figure 1. Typical Basic Application
GENERAL DESCRIPTION
The SSM2000 is an advanced audio noise reduction system
based on proprietary HUSH
® circuitry. HUSH combines a dy-
namic filter and downward expander to provide a high level of
effectiveness without the sonic artifacts normally associated with
noise reduction systems. In addition, an Adaptive Threshold
circuit detects nominal signal levels and dynamically adjusts
both thresholds, thereby providing optimal results regardless of
program source. Since it is a single-ended system, HUSH can
be used on virtually any audio source, including audio and
video tapes, radio and television broadcasts, or any other source
with objectionable noise. The SSM2000 can be used with
Dolby B encoded sources with excellent results. A key feature is
direct access to the Voltage Controlled Amplifier port enabling
additional functions such as dc volume control, automatic level-
ing, compression, etc. with minimal external circuitry.
Dolby B is a registered trademark of Dolby Laboratories, Inc.
HUSH is a registered trademark of Rocktron Corporation.


Similar Part No. - SSM2000

ManufacturerPart #DatasheetDescription
logo
Analog Devices
SSM2000 AD-SSM2000_15 Datasheet
255Kb / 16P
HUSH Stereo Noise Reduction System with Adaptive Threshold
REV. 0
More results

Similar Description - SSM2000

ManufacturerPart #DatasheetDescription
logo
National Semiconductor ...
LM1894 NSC-LM1894 Datasheet
270Kb / 10P
Dynamic Noise Reduction System DNR
logo
Sony Corporation
CXA1100P SONY-CXA1100P Datasheet
473Kb / 15P
DOLBY B TYPE NOISE REDUCTION SYSTEM
CXA1550P SONY-CXA1550P Datasheet
232Kb / 16P
Dolby B type Noise Reduction System
logo
Hitachi Semiconductor
HA12134A HITACHI-HA12134A Datasheet
130Kb / 27P
Dolby B-Type Noise Reduction System
HA12181FP HITACHI-HA12181FP Datasheet
147Kb / 21P
AM Radio Noise Reduction System
12136AF HITACHI-12136AF Datasheet
101Kb / 27P
Dolby B-Type Noise Reduction System
logo
Renesas Technology Corp
HA12181FP RENESAS-HA12181FP Datasheet
302Kb / 20P
AM Radio Noise Reduction System
logo
Analog Devices
SSM2000 AD-SSM2000_15 Datasheet
255Kb / 16P
HUSH Stereo Noise Reduction System with Adaptive Threshold
REV. 0
logo
Texas Instruments
LM1894 TI1-LM1894 Datasheet
988Kb / 19P
Dynamic Noise Reduction System DNR
logo
National Semiconductor ...
LM832 NSC-LM832 Datasheet
197Kb / 10P
Dynamic Noise Reduction System DNR
August 1989
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com