Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

SSM2000 Datasheet(PDF) 2 Page - Analog Devices

Part # SSM2000
Description  HUSH Stereo Noise Reduction System with Adaptive Threshold
PDF  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

SSM2000 Datasheet(HTML) 2 Page - Analog Devices

  SSM2000 Datasheet HTML 1Page - Analog Devices SSM2000 Datasheet HTML 2Page - Analog Devices SSM2000 Datasheet HTML 3Page - Analog Devices SSM2000 Datasheet HTML 4Page - Analog Devices SSM2000 Datasheet HTML 5Page - Analog Devices SSM2000 Datasheet HTML 6Page - Analog Devices SSM2000 Datasheet HTML 7Page - Analog Devices SSM2000 Datasheet HTML 8Page - Analog Devices SSM2000 Datasheet HTML 9Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 16 page
background image
REV. 0
–2–
SSM2000
Parameter
Symbol
Conditions
Min
Typ
Max
Units
AUDIO SIGNAL PATH
Signal-to-Noise Ratio
SNR
VIN = 0 V, 20 Hz to 20 kHz (Flat)
80
86
dB
Headroom
HR
Clip Point, THD = 1%
4.5
dBu
Dynamic Range
Clipping to Noise Floor
91
dB
Total Harmonic Distortion
THD+N
VIN = 300 mV rms, 2nd & 3rd Harmonics
1
0.02
0.04
%
Effective Noise Reduction
20 kHz Bandwidth (Flat)
Downward Expander Section
15
dB
Dynamic Filter Section
10
dB
Input Impedance
ZIN
Pins 1 and 2
6
8
k
Output Impedance, Dynamic
ZOUT
Pins 23 and 24
7
Capacitive Load
No Oscillation
300
pF
Channel Separation
f = 1 kHz, VIN = 300 mV rms
60
dB
Mute Output
VIN = 300 mV rms
–85
dB
Gain Matching, L & R Channels
VCA at AV = 0 dB
±1dB
Gain Bandwidth
GBW
NR Disabled
37
kHz
DYNAMIC FILTER
Minimum Bandwidth
BWMIN
VCF C = 0.001
µF
3
kHz
Maximum Bandwidth
BWMAX
37
kHz
VCA CONTROL PORT
Input Impedance
Pin 7
3.8
k
VCA Voltage Gain Range
AV
VIN = 300 mV rms (Pin 7 = 2.0 V & 0 V)
–70
+1
dB
Gain Constant
20
22
26
mV/dB
Control Feedthrough
Pin 7
1
10
mV
POWER SUPPLY
Voltage Range
VS
+7.0
18
V
Supply Current
ISY
7.5
11
mA
Power Supply Rejection
PSRR+
70
dB
VCA, VCF DETECTOR
Input Impedance
RIN
Pins 8 and 10
4.0
5.4
7.0
k
NOTES
1NR in defeat mode.
Specifications subject to change without notice.
SSM2000–SPECIFICATIONS (V
S = +8.5 V, ACOM = VS/2, f = 1 kHz, RL = 100 k
, 0 dBu = 0.775 V rms.
TA = +25 C, Noise Reduction and Adaptive Threshold enabled (Pin 14 at VS/2), unless otherwise noted.)
MASKED NOISE
FILTERED NOISE
AUDIO
SIGNAL
6 dB/OCTAVE SLOPE
fC = 3 kHz TO 37 kHz
PASSBAND FREQUENCY
RESPONSE
±0.5 dB
Figure 3. Dynamic Filter Characteristic (For CF = 0.001 µF
Defeat Mode)
0
–10
–20
–30
–40
–50
–60
–70
–80
–90
–100
0
–10
–20
–30
–40
–50
–60
–70
–80
–90
–100
INPUT
LEVEL
OUTPUT
LEVEL
Figure 2. Downward Expander Attenuation Characteristic
(In dBt; 0 dBt = Threshold)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com