Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

SSM2000 Datasheet(PDF) 4 Page - Analog Devices

Part # SSM2000
Description  HUSH Stereo Noise Reduction System with Adaptive Threshold
PDF  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

SSM2000 Datasheet(HTML) 4 Page - Analog Devices

  SSM2000 Datasheet HTML 1Page - Analog Devices SSM2000 Datasheet HTML 2Page - Analog Devices SSM2000 Datasheet HTML 3Page - Analog Devices SSM2000 Datasheet HTML 4Page - Analog Devices SSM2000 Datasheet HTML 5Page - Analog Devices SSM2000 Datasheet HTML 6Page - Analog Devices SSM2000 Datasheet HTML 7Page - Analog Devices SSM2000 Datasheet HTML 8Page - Analog Devices SSM2000 Datasheet HTML 9Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 16 page
background image
SSM2000
REV. 0
–4–
APPLICATIONS
This applications example (Figure 4) demonstrates some of the
additional functions that can be easily implemented through use
of the VCA Control Port (Pin 7). These functions can be selected
to operate simultaneously with the basic HUSH noise reduction
function. The VCA detector output provides a signal which can
be further processed using one quad op amp (OP482) to provide
these various additional useful functions.
The circuit shown in the figure below achieves: (1) Compres-
sion, (2) Volume Leveling, (3) DC Volume Adjustment.
C3
0.001µF
C10
0.001µF
NC
C2
6.8µF
+5V
–5V
C1
6.8µF
C4
0.0022µF
12
11
10
9
8
1
2
3
4
7
6
5
13
16
15
14
19
18
17
24
23
22
21
20
SSM2000
C7
2.2µF
C6
0.022µF
10%
JA1
RCA
LEFT IN
JA2
RCA
RIGHT IN
C5
0.022µF
R1
1k
Ω
NC
C8
1µF
C9
3.3µF
R2
510
Ω
+5V
R3
3k
Ω
SW1-C
MUTE
OPEN = MUTE
CLOSED = OFF
C11
0.22µF
+5V
R4
3k
Ω
SW1-B
BYPASS
OPEN = BYPASS
CLOSED = HUSH
SW1-F
SIDE CHAIN
OPEN = OUT
CLOSED = IN
JA3
RCA
LEFT OUT
JA4
RCA
RIGHT OUT
R16
1.5M
Ω
U1-A
OP482
3
2
1
1N4148
SW1-E
OPEN = LEVEL
CLOSED = COMP
R15
10M
Ω
SW1-A
OPEN = COMP
CLOSED = LEVEL
R9
7.5k
Ω
R10
5.1k
Ω
R8
20k
Ω
+5V
–5V
LEVEL
THRESHOLD
R7, 10k
Ω
PT10V
U1-D
OP482
13
12
14
R11
12k
Ω
SW1-D
OPEN = LEVEL
CLOSED = COMP
R14
100k
Ω
–5V
C12
1µF NON-POLARIZED
10% POLY, 63V
R12
20k
Ω
9
10
8
R13
20k
Ω
U1-C
OP482
R17
20k
Ω
U1-B
OP482
6
5
7
D2
1N4148
R19
20k
Ω
–5V
VOLUME
CONTROL
VR1, 10k
Ω
LINEAR
R18
30k
Ω
Figure 4. Typical Dual Supply Application and Test Circuit
SIMPLIFIED THEORY OF OPERATION
The input audio signals are processed to extract information
concerning the frequency distribution and amplitude of both
the desired signals and the undesired noise. Left and right au-
dio signals are passed through voltage controlled (low-pass) fil-
ter, and then through a voltage controlled amplifiers. Both the
filters and amplifiers are low distortion, and add negligible noise
of their own. The VCF has a user-definable cutoff range that is
usually set from 1 kHz to 35 kHz. It can be set to cover other
ranges as required by the application. The VCA can be adjusted
from a loss to a gain, adding to the SSM2000’s versatility. In
accordance with proprietary patented algorithms, control sig-
nals are derived and applied to both the VCF and VCA, result-
ing in up to 25 dB noise suppression with the minimum loss of
desired signals.
DEFEAT
EXTERNAL VCA
CONTROL PORT
ROUT
LOUT
RIN
LIN
DEFAULT
THRESHOLD
VOLTAGE
CONTROLLED
FILTER
VOLTAGE
CONTROLLED
AMPLIFIER
LOGIC
INTERFACE
VOLTAGE
CONTROLLED
FILTER
VOLTAGE
CONTROLLED
AMPLIFIER
MUTE
LOGIC
INTERFACE
DIFFERENCE
AMPLIFIER
AUTO THRESHOLD
NEGATIVE PEAK
DETECTOR
HIGH-PASS
FILTER
PEAK
DETECTOR
PEAK
DETECTOR
DIFFERENCE
AMPLIFIER
Figure 5. SSM2000 System Block Diagram



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com