Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

SSM2164 Datasheet(PDF) 6 Page - Analog Devices

Part # SSM2164
Description  Low Cost Quad Voltage Controlled Amplifier
PDF  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

SSM2164 Datasheet(HTML) 6 Page - Analog Devices

Back Button SSM2164 Datasheet HTML 2Page - Analog Devices SSM2164 Datasheet HTML 3Page - Analog Devices SSM2164 Datasheet HTML 4Page - Analog Devices SSM2164 Datasheet HTML 5Page - Analog Devices SSM2164 Datasheet HTML 6Page - Analog Devices SSM2164 Datasheet HTML 7Page - Analog Devices SSM2164 Datasheet HTML 8Page - Analog Devices SSM2164 Datasheet HTML 9Page - Analog Devices SSM2164 Datasheet HTML 10Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 12 page
background image
SSM2164
REV. 0
–6–
Typical Performance Characteristics
15
0
–15
10k
10M
1M
100k
1k
VS = ±15V
TA = +25°C
AV = 0dB
CF = 10pF
PHASE
GAIN
–5
–10
5
10
0
–90
–180
90
180
FREQUENCY – Hz
Figure 14. Gain/Phase vs. Frequency
0.1
–0.1
–0.4
100
100k
10k
1k
10
–0.2
–0.3
0
FREQUENCY – Hz
CF = 100pF
CF = 10pF
VS = ±15V
TA = +25°C
AV = 0dB
Figure 15. Gain Flatness vs. Frequency
40
20
–60
100
1k
10M
1M
100k
10k
0
–20
–40
FREQUENCY – Hz
AV = +20dB
AV = 0dB
AV = –20dB
VS = ±15V
TA = +25°C
CF = 10pF
Figure 16. Bandwidth vs. Gain
Figure 17. –3 dB Bandwidth vs. I-to-V Feedback Capacitor
30
15
0
110
100
5
10
20
25
I TO V FEEDBACK CAPACITOR – pF
±SLEW RATE
VS = ±15V
TA = +25°C
OP275 OUTPUT
AMPLIFIER
Figure 18. Slew Rate vs. I-to-V Feedback Capacitor
20
–20
–80
1k
1M
100k
10k
100
–40
–60
0
FREQUENCY – Hz
VS = ±15V
TA = +25°C
VIN = 0V
RF = RIN = 30kΩ
Figure 19. Control Feedthrough vs. Frequency
10M
1M
10k
1
10
1000
100
100k
I TO V FEEDBACK CAPACITOR – pF
VS = ±15V
TA = +25°C



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com