Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

SSM2164 Datasheet(PDF) 1 Page - Analog Devices

Part # SSM2164
Description  Low Cost Quad Voltage Controlled Amplifier
PDF  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

SSM2164 Datasheet(HTML) 1 Page - Analog Devices

  SSM2164 Datasheet HTML 1Page - Analog Devices SSM2164 Datasheet HTML 2Page - Analog Devices SSM2164 Datasheet HTML 3Page - Analog Devices SSM2164 Datasheet HTML 4Page - Analog Devices SSM2164 Datasheet HTML 5Page - Analog Devices SSM2164 Datasheet HTML 6Page - Analog Devices SSM2164 Datasheet HTML 7Page - Analog Devices SSM2164 Datasheet HTML 8Page - Analog Devices SSM2164 Datasheet HTML 9Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 12 page
background image
One Technology Way, P.O. Box 9106, Norwood. MA 02062-9106, U.S.A.
Tel: 617/329-4700
Fax: 617/326-8703
REV. 0
Information furnished by Analog Devices is believed to be accurate and
reliable. However, no responsibility is assumed by Analog Devices for its
use, nor for any infringements of patents or other rights of third parties
which may result from its use. No license is granted by implication or
otherwise under any patent or patent rights of Analog Devices.
a
Low Cost Quad
Voltage Controlled Amplifier
SSM2164
GENERAL DESCRIPTION
The SSM2164 contains four independent voltage controlled
amplifiers (VCAs) in a single package. High performance
(100 dB dynamic range, 0.02% THD) is provided at a very low
cost-per-VCA, resulting in excellent value for cost sensitive gain
control applications. Each VCA offers current input and output
for maximum design flexibility, and a ground referenced
–33 mV/dB control port.
All channels are closely matched to within 0.07 dB at unity gain,
and 0.24 dB at 40 dB of attenuation. A 120 dB gain range is
possible.
A single resistor tailors operation between full Class A and AB
modes. The pinout allows upgrading of SSM2024 designs with
minimal additional circuitry.
The SSM2164 will operate over a wide supply voltage range of
±4 V to ±18 V. Available in 16-pin P-DIP and SOIC packages,
the device is guaranteed for operation over the extended
industrial temperature range of –40
°C to +85°C.
FEATURES
Four High Performance VCAs in a Single Package
0.02% THD
No External Trimming
120 dB Gain Range
0.07 dB Gain Matching (Unity Gain)
Class A or AB Operation
APPLICATIONS
Remote, Automatic, or Computer Volume Controls
Automotive Volume/Balance/Faders
Audio Mixers
Compressor/Limiters/Compandors
Noise Reduction Systems
Automatic Gain Controls
Voltage Controlled Filters
Spatial Sound Processors
Effects Processors
FUNCTIONAL BLOCK DIAGRAM
POWER SUPPLY
AND BIASING CIRCUITRY
VCA4
VCA3
VCA2
VCA1
V+
GND
V–
MODE
IIOUT
IIOUT
IIOUT
IIOUT
VC
VC
VC
VC
IIN
IIN
IIN
IIN


Similar Part No. - SSM2164

ManufacturerPart #DatasheetDescription
logo
Analog Devices
SSM2164 AD-SSM2164_15 Datasheet
333Kb / 12P
Low Cost Quad Voltage Controlled Amplifier
REV. 0
More results

Similar Description - SSM2164

ManufacturerPart #DatasheetDescription
logo
National Semiconductor ...
CLC5644 NSC-CLC5644 Datasheet
153Kb / 9P
Low-Power, Low-Cost, Quad Operational Amplifier
logo
Z-Communications, Inc
CLV0750E ZCOMM-CLV0750E Datasheet
97Kb / 2P
LOW COST - HIGH PERFORMANCE VOLTAGE CONTROLLED OSCILLATOR
CLV0868E ZCOMM-CLV0868E Datasheet
69Kb / 2P
LOW COST - HIGH PERFORMANCE VOLTAGE CONTROLLED OSCILLATOR
CLV0905E ZCOMM-CLV0905E Datasheet
188Kb / 2P
LOW COST - HIGH PERFORMANCE VOLTAGE CONTROLLED OSCILLATOR
CLV0945E ZCOMM-CLV0945E Datasheet
66Kb / 2P
LOW COST - HIGH PERFORMANCE VOLTAGE CONTROLLED OSCILLATOR
logo
Analog Devices
AD8335 AD-AD8335 Datasheet
708Kb / 24P
Quad Low Noise, Low Cost Variable Gain Amplifier
9/04-Revision 0
AD8335 AD-AD8335_15 Datasheet
900Kb / 28P
Quad Low Noise, Low Cost Variable Gain Amplifier
REV. B
SSM2164 AD-SSM2164_15 Datasheet
333Kb / 12P
Low Cost Quad Voltage Controlled Amplifier
REV. 0
logo
JSC ALFA.
AS2164 ALFA-AS2164 Datasheet
502Kb / 5P
Quad voltage exponentially controlled amplifier (VCA)
AS3364 ALFA-AS3364 Datasheet
488Kb / 3P
Quad Voltage Linearly Controlled Amplifier (VCA)
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com