Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

SSM2164 Datasheet(PDF) 2 Page - Analog Devices

Part # SSM2164
Description  Low Cost Quad Voltage Controlled Amplifier
PDF  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

SSM2164 Datasheet(HTML) 2 Page - Analog Devices

  SSM2164 Datasheet HTML 1Page - Analog Devices SSM2164 Datasheet HTML 2Page - Analog Devices SSM2164 Datasheet HTML 3Page - Analog Devices SSM2164 Datasheet HTML 4Page - Analog Devices SSM2164 Datasheet HTML 5Page - Analog Devices SSM2164 Datasheet HTML 6Page - Analog Devices SSM2164 Datasheet HTML 7Page - Analog Devices SSM2164 Datasheet HTML 8Page - Analog Devices SSM2164 Datasheet HTML 9Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 12 page
background image
SSM2164–SPECIFICATIONS
ELECTRICAL SPECIFICATIONS
SSM2164
Parameter
Conditions
Min
Typ
Max
Units
AUDIO SIGNAL PATH
Noise
V
IN = GND, 20 kHz Bandwidth
–94
dBu
Headroom
Clip Point = 1% THD+N
22
dBu
Total Harmonic Distortion
2nd and 3rd Harmonics Only
A
V = 0 dB, Class A
0.02
.1
%
A
V = ± 20 dB, Class A
1
0.15
%
A
V = 0 dB, Class AB
0.16
%
A
V = ± 20 dB, Class AB
1
0.3
%
Channel Separation
–110
dB
Unity Gain Bandwidth
C
F = 10 pF
500
kHz
Slew Rate
C
F = 10 pF
0.7
mA/
µs
Input Bias Current
±10
nA
Output Offset Current
V
IN = 0
±50
nA
Output Compliance
±0.1
V
CONTROL PORT
Input Impedance
5k
Ω
Gain Constant
(Note 2)
–33
mV/dB
Gain Constant Temperature Coefficient
–3300
ppm/
°C
Control Feedthrough
0 dB to –40 dB Gain Range
3
1.5
8.5
mV
Gain Matching, Channel-to-Channel
A
V = 0 dB
0.07
dB
A
V = –40 dB
0.24
dB
Maximum Attenuation
–100
dB
Maximum Gain
+20
dB
POWER SUPPLIES
Supply Voltage Range
±4
±18
V
Supply Current
Class AB
6
8
mA
Power Supply Rejection Ratio
60 Hz
90
dB
NOTES
1–10 dBu input @ 20 dB gain; +10 dBu input @ –20 dB gain.
2After 60 seconds operation.
3+25
°C to +85°C.
Specifications subject to change without notice.
REV. 0
–2–
TYPICAL APPLICATION AND TEST CIRCUIT
(V
S = ± 15 V, AV = 0 dB, 0 dBu = 0.775 V rms, VIN = 0 dBu, RIN = ROUT = 30 kΩ, f = 1 kHz,
–40
°C < T
A < +85°C using Typical Application Circuit (Class AB), unless otherwise noted. Typical specifications apply at TA = +25°C.)
30k
Ω
VIN4
500
Ω
560pF
POWER SUPPLY
AND BIASING CIRCUITRY
VCA4
98
16
1
V–
GND
V+
MODE
0.1µF
0.1µF
RB (7.5kΩ CLASS A)
(OPEN CLASS AB)
+15V
–15V
1/2
OP275
30k
Ω
100pF
VOUT4
IIOUT
13
14
15
VC4
IIN
VC
Figure 1. R
IN = ROUT = 30 kΩ, CF = 100 pF. Optional
R
B = 7.5 kΩ, Biases Gain Core to Class A Opera-
tion. For Class AB, Omit R
B.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com